Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X84256Z Datasheet(PDF) 8 Page - Xicor Inc.

Part # X84256Z
Description  UPort Saver EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84256Z Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X84256Z Datasheet HTML 4Page - Xicor Inc. X84256Z Datasheet HTML 5Page - Xicor Inc. X84256Z Datasheet HTML 6Page - Xicor Inc. X84256Z Datasheet HTML 7Page - Xicor Inc. X84256Z Datasheet HTML 8Page - Xicor Inc. X84256Z Datasheet HTML 9Page - Xicor Inc. X84256Z Datasheet HTML 10Page - Xicor Inc. X84256Z Datasheet HTML 11Page - Xicor Inc. X84256Z Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
X84256
Preliminary
8
A.C. CHARACTERISTICS
(Over the recommended operating conditions, unless otherwise specified.)
Read Cycle Limits – X84256
Notes: (4) Periodically sampled, but not 100% tested. tHZ and tOHZ are measured from the point where CE or OE goes HIGH (whichever occurs
first) to the time when I/O is no longer being driven into a 5pF load.
Symbol
Parameter
VCC = 5V±10%
VCC = 2.5V – 5.5V VCC = 1.8V – 3.6V
Units
Min.
Max
Min.
Max.
Min.
Max.
tRC
Read Cycle Time
100
200
330
ns
tCE
CE Access Time
25
50
70
ns
tOE
OE Access Time
25
50
70
ns
tOEL
OE Pulse Width
50
60
90
ns
tOEH
OE High Recovery Time
50
60
90
ns
tLOW
CE LOW Time
50
70
90
ns
tHIGH
CE HIGH Time
50
120
180
ns
tLZ
(4)
CE LOW to Output In Low Z
0
0
0
ns
tHZ
(4)
CE HIGH to Output In High Z
0
25
0
30
0
35
ns
tOLZ
(4)
OE LOW to Output In Low Z
0
0
0
ns
tOHZ
(4)
OE HIGH to Output In High Z
0
25
0
30
0
35
ns
tOH
Output Hold from CE or OE HIGH
0
0
0
ns
tWES
WE HIGH Setup Time
25
25
25
ns
tWEH
WE HIGH Hold Time
25
25
25
ns
CE
WE
tWES
OE
tHIGH
tCE
tOE
t OLZ
tOH
tWEH
HIGH Z
DATA
t OHZ
t HZ
t LZ
tLOW
tRC
I/O
OEL
t
tOEH


Similar Part No. - X84256Z

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
X84041P XICOR-X84041P Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
X84041P-2.7 XICOR-X84041P-2.7 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
X84041P-3 XICOR-X84041P-3 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
X84041PI XICOR-X84041PI Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
More results

Similar Description - X84256Z

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84161 XICOR-X84161 Datasheet
170Kb / 18P
   uPort Saver EEPROM
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84160 ICMIC-X84160 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
logo
Glenair, Inc.
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
   Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
   Starter Saver
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
   Battery Saver
February 25, 2022
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
   BATTERY SAVER
logo
Glenair, Inc.
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
   Connector Saver
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
   Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
   Connector Saver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com