Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9363 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9363
Description  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9363 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9363 Datasheet HTML 4Page - Analog Devices AD9363 Datasheet HTML 5Page - Analog Devices AD9363 Datasheet HTML 6Page - Analog Devices AD9363 Datasheet HTML 7Page - Analog Devices AD9363 Datasheet HTML 8Page - Analog Devices AD9363 Datasheet HTML 9Page - Analog Devices AD9363 Datasheet HTML 10Page - Analog Devices AD9363 Datasheet HTML 11Page - Analog Devices AD9363 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD9363
Data Sheet
Rev. D | Page 8 of 32
CURRENT CONSUMPTION—VDD_INTERFACE
Table 3. VDD_INTERFACE = 1.2 V
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SLEEP MODE
45
μA
Power applied, device disabled
ONE Rx CHANNEL, ONE Tx CHANNEL, DOUBLE
DATA RATE (DDR)
LTE10
Single Port
2.9
mA
30.72 MHz data clock, CMOS
Dual Port
2.7
mA
15.36 MHz data clock, CMOS
LTE20
Dual Port
5.2
mA
30.72 MHz data clock, CMOS
TWO Rx CHANNELS, TWO Tx CHANNELS, DDR
LTE3
Dual Port
1.3
mA
7.68 MHz data clock, CMOS
LTE10
Single Port
4.6
mA
61.44 MHz data clock, CMOS
Dual Port
5.0
mA
30.72 MHz data clock, CMOS
LTE20
Dual Port
8.2
mA
61.44 MHz data clock, CMOS
GSM
Dual Port
0.2
mA
1.08 MHz data clock, CMOS
WiMAX 8.75 MHz
Dual Port
3.3
mA
20 MHz data clock, CMOS
WiMAX 10 MHz
Single Port
TDD Rx
0.5
mA
22.4 MHz data clock, CMOS
TDD Tx
3.6
mA
22.4 MHz data clock, CMOS
FDD
3.8
mA
44.8 MHz data clock, CMOS
WiMAX 20 MHz
Dual Port
FDD
6.7
mA
44.8 MHz data clock, CMOS


Similar Part No. - AD9363

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
337Kb / 2P
   AD-FMCOMMS2-EBZ
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
More results

Similar Description - AD9363

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMS6002D ETC2-LMS6002D Datasheet
551Kb / 15P
   Multi-band Multi-standard Transceiver with Integrated Dual DACs and ADCs
logo
Analog Devices
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
logo
Maxim Integrated Produc...
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
logo
Analog Devices
ADUC842 AD-ADUC842 Datasheet
217Kb / 17P
   12- Bit ADCs and DACs with Embedded Hi-Speed 62KB FLASH MCU
REV. PrB
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
logo
Maxim Integrated Produc...
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
logo
Analog Devices
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com