Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4571-2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4571-2
Description  Integrated AMR Angle Sensor and Signal Conditioner
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571-2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4571-2 Datasheet HTML 5Page - Analog Devices ADA4571-2 Datasheet HTML 6Page - Analog Devices ADA4571-2 Datasheet HTML 7Page - Analog Devices ADA4571-2 Datasheet HTML 8Page - Analog Devices ADA4571-2 Datasheet HTML 9Page - Analog Devices ADA4571-2 Datasheet HTML 10Page - Analog Devices ADA4571-2 Datasheet HTML 11Page - Analog Devices ADA4571-2 Datasheet HTML 12Page - Analog Devices ADA4571-2 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ADA4571-2
Data Sheet
Rev. 0 | Page 10 of 13
93% VDD
VCOS
VSIN
50% VDD
7% VDD
MAGNETIC ANGLE, α (Degrees)
0
90
180
270
360
VOFFSET
DIAGNOSTIC
BAND
DIAGNOSTIC
BAND
LINEAR
REGION
VPP
Figure 15. Typical Output Waveforms; Single-Channel Sine and Cosine vs. Magnetic Angle


Similar Part No. - ADA4571-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4571-2 AD-ADA4571-2 Datasheet
443Kb / 9P
   Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
More results

Similar Description - ADA4571-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
   Integrated AMR Angle Sensor and Signal Conditioner
ADA4570 AD-ADA4570 Datasheet
1Mb / 14P
   Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
ADAF1080 AD-ADAF1080 Datasheet
1Mb / 36P
   Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
Rev. 0
EVAL-ADA4571-2 AD-EVAL-ADA4571-2 Datasheet
443Kb / 9P
   Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com