Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC-25-700 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # APC-25-700
Description  CONSTANT CURRENT MODE POWER SUPPLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

APC-25-700 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  APC-25-700 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. APC-25-700 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAX. No. of PSUs on 16A
CIRCUIT BREAKER
9 units (circuit breaker of type B) / 15 units (circuit breaker of type C) at 230VAC
SPECIFICATION
MODEL
APC-25-350
APC-25-700
DC VOLTAGE RANGE
RATED CURRENT
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
VOLTAGE RANGE
Note.4
FREQUENCY RANGE
EFFICIENCY(Typ.)
AC CURRENT
INPUT
INRUSH CURRENT(Typ.)
LEAKAGE CURRENT
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER VOLTAGE
25~70V
11~36V
350mA
700mA
24.5W
25.2W
300mVp-p
300mVp-p
±5.0%
±1.0%
±3.0%
1500ms, 30ms / 230VAC
1500ms, 30ms / 115VAC at full load
47 ~ 63Hz
83%
83%
0.4A/230VAC;0.8A/115VAC
0.25mA / 240VAC
20 ~ 90% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
±℃
0.2%/
(0 ~ 50
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristic for more details.
5. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
6.The unit might not be suitable for lighting applications in EU countries. Please check with your local authorities for the possible use of the unit.
25W Single Output Switching Power Supply
Constant current mode power supply
Universal AC input / Full range
Withstand 300VAC Surge input for 5 seconds
Protections:Short circuit / Over voltage
Fully isolated plastic case
Small and compact size
Cooling by free air convection
IP42 design
100% full load burn-in test
Suitable for LED lighting and moving sign applications
Low cost / High reliability
2 years warranty
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
(Note 5)
PROTECTION
File Name: APC-25-SPEC 2016-11-10
SAFETY STANDARDS
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC
HOLD UP TIME (Typ.)
20ms/230VAC
12ms/115VAC at full load
76 ~ 94V
41 ~ 49V
84*57*29.5(L*W*H)
COLD START 45A(twidth=310 s measured at 50% Ipeak) at 230VAC
μ
UL8750 (except for APC-25-350), CSA-C22.2 No. 250.0-13 (only for APC-25-700&1050), IP42 approved; design refer to EN60950-1
518.9K hrs min.
MIL-HDBK-217F (25
)
Features :
LPS (exceptforAPC-25-350)
I/P-O/P:>100M Ohms / 500VDC / 25
/ 70% RH
90 ~ 264VAC
127 ~ 370VDC
APC-25 series
CURRENT ACCURACY
±8.0%
EMC IMMUNITY
Compliance to EN55022,EN61000-3-2 Class A,EN61000-3-3
Compliance to EN55024,EN61000-4-2,3,4,5,6,8,11; light industry level(surge 2KV), criteria A
EMC EMISSION
APC-25-500
15~50V
500mA
25.2W
300mVp-p
83%
55 ~ 68V
APC-25-1050
9~24V
1050mA
25.2W
300mVp-p
83%
27 ~ 35V
-30 ~ 70
(Refer to "Derating Curve")
0.13Kg; 72pcs/10.4Kg/0.92CUFT
Protection type : Shut down o/p voltage, re-power on to recover
(only for APC-25-700&1050)
( only for APC-25-500)
IP42


Similar Part No. - APC-25-700

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
APC-25-700 MEANWELL-APC-25-700 Datasheet
649Kb / 2P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com