Electronic Components Datasheet Search |
|
ELG-200-C Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd. |
|
ELG-200-C Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd. |
5 / 10 page ※ DAL Interface (primary side; for DA-Type) I Apply DALI signal between DA+ and DA- . DAL protocol comprises 16 groups and 64 addresses. I First step is fixed at 8% of output. ※ Smart timer dimming function (for Dxx-Type by User definition) MEAN WELL Smart timer dimming primarily provides the adaptive proportion dimming profile for the output constant current level to perform up to 14 consecutive hours. 3 dimming profiles hereunder are defined accounting for the most frequently seen applications. If other options may be needed, please contact MEAN WELL for details. Ex : D01-Type: the profile recommended for residential lighting ◎ Ex: D02-Type: the profile recommended for street lighting ◎ **: TIME matches Operating Time in the diagram whereas LEVEL matches Dimming Level. Example: If a residential lighting application adopts D01-Type, when turning on the power supply at 6:00pm, for instance: [1] The power supply will switch to the constant current level at 100% starting from 6:00pm. [2] The power supply will switch to the constant current level at 70% in turn, starting from 0:00am, which is 06:00 after the power supply turns on. [3] The power supply will switch to the constant current level at 50% in turn, starting from 1:00am, which is 07:00 after the power supply turns on. [4] The power supply will switch to the constant current level at 70% in turn, starting from 5:00am, which is 11:00 after the power supply turns on. The constant current level remains till 8:00am, which is 14:00 after the power supply turns on. **: TIME matches Operating Time in the diagram whereas LEVEL matches Dimming Level. Example: If a street lighting application adopts D02-Type, when turning on the power supply at 5:00pm, for instance: [1] The power supply will switch to the constant current level at 50% starting from 5:00pm. [2] The power supply will switch to the constant current level at 80% in turn, starting from 6:00pm, which is 01:00 after the power supply turns on. [3] The power supply will switch to the constant current level at 100% in turn, starting from 8:00pm, which is 03:00 after the power supply turns on. [4] The power supply will switch to the constant current level at 60% in turn, starting from 1:00am, which is 08:00 after the power supply turns on. [5] The power supply will switch to the constant current level at 80% in turn, starting from 4:00am, which is 11:00 after the power supply turns on. The constant current level remains till 6:30am, which is 14:00 after the power supply turns on. Set up for D01-Type in Smart timer dimming software program: Set up for D02-Type in Smart timer dimming software program: TIME** TIME** 06:00 01:00 T1 T1 T2 T2 T3 T3 T4 T4 T5 07:00 03:00 11:00 8:00 11:00 --- --- LEVEL** LEVEL** 100% 70% 80% 50% 50% 100% 70% 60% 80% Operating Time(HH:MM) Operating Time(HH:MM) File Name:ELG-200-C-SPEC 2016-11-29 150~200W Constant Current Mode LED Driver ELG-200-C series |
Similar Part No. - ELG-200-C |
|
Similar Description - ELG-200-C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |