Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELG-200-C1050 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ELG-200-C1050
Description  CONSTANT CURRENT MODE OUTPUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ELG-200-C1050 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ELG-200-C1050 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ELG-200-C1050 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ELG-200-C1050 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ELG-200-C1050 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ELG-200-C1050 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ELG-200-C1050 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. ELG-200-C1050 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. ELG-200-C1050 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. ELG-200-C1050 Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
File Name:ELG-200-C-SPEC 2016-11-29
150~200W Constant Current Mode LED Driver
ELG-200-C series
■ Features
■ Applications
■ Model Encoding
- C700
ELG - 200
A
Output wattage
Series name
■ Description
ELG-200-C series is a 200W LED AC/DC driver featuring the constant current mode and high
voltage output. ELG-200-C operates from 100~305VAC and offers models with different rated
current ranging between 700mA and 2100mA. Thanks tothe high efficiency up to93%, with
the fanless design, the entire series is able to operate for -40 ~+85 case temperature under
℃℃
free air convection. The design of metal housing and IP67/IP65 ingress protection level allows
this series to fit both indoor and outdoor applications. ELG-200-C is equipped with various function
options, such as dimming methodologies, so as to provide the optimal design flexibility for LED
lighting system.
Constant Current mode output
Metal housing design with functional Ground
Built-in active PFC function
<0.5W
No load / Standby power consumption
IP67 / IP65 rating for indoor or outdoor installations
Function options: output adjustable via potentiometer;
3 in 1 dimming (dim-to-off); Smart timer dimming; DAL
I
Typical lifetime>50000 hours
5 years warranty
LED street lighting
LED harbor lighting
LED bay lighting
LED greenhouse lighting
LED flood lighting
Type “HL” for use in Class I, Division 2
(Classified) location.
hazardous
Comply with
class
application
Rated output current (700/1050/1400/1750/2100mA)
Function options
Type
Blank
A
B
IP Level
IP67
IP65
IP67
Iofixed.
Io adjustable through built-in potentiometer.
3 in 1 dimming function (0~10Vdc, 10V PWM signal and resistance)
Function
Note
In Stock
In Stock
In Stock
FM
M
110
IP67
IP65
Type HL
8
(for DA-Type only)
DA
Dx
D2
IP67
IP67
IP67
DALI control technology.
Built-in Smart timer dimming function by user request.
Built-in Smart timer dimming and programmable function.
In Stock
By request
In Stock
Input wiring type
Blank:2-wire input for standard model
-
{
3Y:3-wire input for standard model


Similar Part No. - ELG-200-C1050

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELG-200 MEANWELL-ELG-200 Datasheet
360Kb / 12P
   144~200W Constant Voltage Constant Current LED
More results

Similar Description - ELG-200-C1050

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLC-45 MEANWELL-ODLC-45 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-60 MEANWELL-HBG-60 Datasheet
151Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
FDL-65 MEANWELL-FDL-65 Datasheet
99Kb / 5P
   CONSTANT CURRENT MODE OUTPUT
ELG-240-C MEANWELL-ELG-240-C Datasheet
307Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H MEANWELL-HLG-480H Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com