Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELG-240-C1400 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # ELG-240-C1400
Description  CONSTANT CURRENT MODE OUTPUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ELG-240-C1400 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

Back Button ELG-240-C1400 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ELG-240-C1400 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ELG-240-C1400 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ELG-240-C1400 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ELG-240-C1400 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. ELG-240-C1400 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. ELG-240-C1400 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. ELG-240-C1400 Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. ELG-240-C1400 Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ex:
D03-Type: the profile recommended for tunnel lighting
Set up for D03-Type in Smart timer dimming software program:
TIME**
01:30
T1
T2
T3
11:00
---
LEVEL**
70%
100%
70%
**: TIME matches Operating Time in the diagram whereas LEVEL matches Dimming Level.
Example: If a tunnel lighting application adopts D03-Type, when turning on the power supply at 4:30pm, for instance:
[1] The power supply will switch to the constant current level at 70% starting from 4:30pm.
[2] The power supply will switch to the constant current level at 100% in turn, starting from 6:00pm, which is 01:30 after the power supply turns on.
[3] The power supply will switch to the constant current level at 70% in turn, starting from 5:00am, which is 11:00 after the power supply turns on.
The constant current level remains till 6:30am, which is 14:00 after the power supply turns on.
Operating Time(HH:MM)
File Name:ELG-240-C-SPEC 2016-11-29
178.5~240W Constant Current Mode LED Driver
ELG-240-C series


Similar Part No. - ELG-240-C1400

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELG-240 MEANWELL-ELG-240 Datasheet
316Kb / 10P
   180~240W Constant Voltage Constant Current LED Driver
More results

Similar Description - ELG-240-C1400

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLC-45 MEANWELL-ODLC-45 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
ELG-200-C MEANWELL-ELG-200-C Datasheet
296Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-60 MEANWELL-HBG-60 Datasheet
151Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
FDL-65 MEANWELL-FDL-65 Datasheet
99Kb / 5P
   CONSTANT CURRENT MODE OUTPUT
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H MEANWELL-HLG-480H Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com