Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBG-60-1400 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # HBG-60-1400
Description  CONSTANT CURRENT MODE OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HBG-60-1400 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  HBG-60-1400 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HBG-60-1400 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HBG-60-1400 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HBG-60-1400 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HBG-60-1400 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HBG-60-1400 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
84
85
86
87
88
89
90
91
50%
60%
70%
80%
90%
100%
277V
230V
115V
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
50%
60%
70%
80%
90%
100%
277V
230V
115V
-40
-20
0
103050708590
20
40
60
80
100
File Name:HBG-60-SPEC 2016-06-16
OUTPUT LOAD vs TEMPERATURE
STATIC CHARACTERISTIC
Tcase ( )
(HORIZONTAL)
※De-rating is needed under low input voltage.
HBG-60 series
AMBIENT TEMPERATURE,Ta ( )
(HORIZONTAL)
(60W)
INPUT VOLTAGE (V) 60Hz
LOAD
POWER FACTOR (PF) CHARACTERISTIC
EFFICIENCY vs LOAD
HBG-60 series possess superior working efficiency that up to 90% can
be reached in field applications.
※ 1050mA Model, Tcase at 75℃
LOAD
※ Tcase at 75℃
TOTAL HARMONIC DISTORTION (THD)
LOAD
※ 1050mA Model, Tcase at 75℃
60W Constant Current Mode LED Driver
-40
-30
-25
0
15
30
50
60
70
20
40
60
80
100
65
100
90
80
70
60
50
40
90
100
125
135
145
155
165
175
180
200
230
295
0%
5%
10%
15%
20%
25%
50%
60%
70%
80%
90%
100%
277VAC
230VAC
115VAC


Similar Part No. - HBG-60-1400

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-100 MEANWELL-HBG-100 Datasheet
4Mb / 6P
   100W Single Output Switching Power Supply
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
HBG-100P-36 MEANWELL-HBG-100P-36 Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
HBG-100P-48 MEANWELL-HBG-100P-48 Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
HBG-100P-60 MEANWELL-HBG-100P-60 Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
More results

Similar Description - HBG-60-1400

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLC-45 MEANWELL-ODLC-45 Datasheet
187Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
HBG-100P MEANWELL-HBG-100P Datasheet
151Kb / 7P
   CONSTANT CURRENT MODE OUTPUT
ELG-200-C MEANWELL-ELG-200-C Datasheet
296Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
ODLC-65 MEANWELL-ODLC-65 Datasheet
179Kb / 6P
   CONSTANT CURRENT MODE OUTPUT
FDL-65 MEANWELL-FDL-65 Datasheet
99Kb / 5P
   CONSTANT CURRENT MODE OUTPUT
ELG-240-C MEANWELL-ELG-240-C Datasheet
307Kb / 10P
   CONSTANT CURRENT MODE OUTPUT
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-600H MEANWELL-HLG-600H Datasheet
174Kb / 8P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HBG-160P MEANWELL-HBG-160P Datasheet
145Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H MEANWELL-HLG-480H Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com