Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-03-5 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # IRM-03-5
Description  UNIVERSAL AC INPUT/FULL RANGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IRM-03-5 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  IRM-03-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IRM-03-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IRM-03-5 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. IRM-03-5 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Block Diagram
AMBIENT TEMPERATURE (℃)
Output Derating VS Input Voltage
INPUT VOLTAGE (VAC) 60Hz
85
100
95
120
160
140
200
180
305
220
90
100
80
70
60
50
40
Derating Curve
FILTER
I/P
EMI
FILTER
RECTIFIERS
&
RECTIFIERS
CONTROL
PWM
(HORIZONTAL)
70
20
40
50
60
80
100
DETECTION
CIRCUIT
&
FILTER
+V
-V
SWITCHING
POWER
fosc : 130KHz
-30
0
20
10
30
40
50
60
240
85
3W Single Output Encapsulated Type
I R M - 0 3 series
File Name:IRM-03-SPEC 2017-01-19


Similar Part No. - IRM-03-5

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
IRM-03 DIWELL-IRM-03 Datasheet
96Kb / 4P
   3W Output Switching Power Supply
2016-07-14
More results

Similar Description - IRM-03-5

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
   Universal AC input / full range
logo
Mean Well Enterprises C...
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
   UNIVERSAL AC INPUT / FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Mean Well Enterprises C...
RSP-1600 MEANWELL-RSP-1600 Datasheet
356Kb / 8P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-75 MEANWELL-EDR-75 Datasheet
556Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com