Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDH-45B-700 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # LDH-45B-700
Description  DC/DC STEP-UP CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDH-45B-700 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  LDH-45B-700 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDH-45B-700 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDH-45B-700 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LDH-45B-700 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0. 2
0. 3
0. 4
0. 5
0. 6
0. 7
0. 8
0. 9
1
1. 1
1. 2
1. 3
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0%
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
10KHZ
1KHZ
LDH-45 series
File Name:LDH-45-SPEC 2016-10-15
Standard Application
Analog DIM
Analog DIM
Analog DIM
DIM-
DIM-
DIM-
Vout+
Vout+
Vout+
Vin+
Vin+
Vin+
Vout-
Vout-
Vout-
LDH-45
LDH-45
LDH-45
DC Input
DC Input
DC Input
H
H:2~8VDC
0.25V~1.3V
L
L:0~0.5VDC
PWM DIM
PWM DIM
PWM DIM
Vin-
Vin-
Vin-
12VDC&24VDC input, full load
PWM duty
Io adjustment by PWM Signal
tolerance: 10%
±
1st LED
1st LED
1st LED
Last LED
Last LED
Last LED
Operation without dimming:
Io operates at rated current without dimming function when the pins of analog DIM and PWM DIM keep open
PWM Dimming Control:
During PWM dimming operation,
will change with the PWM duty
Io
12VDC input&24VDC input, full load
tolerance: 10%
±
Analog voltage (V)
Io adjustment by DC voltage
Analog Dimming Control:
During analog dimming operation,
will change with DC input voltage
Io
(PWM Signal: 1K~10KHz)
DC-DC Step-Up Constant Current LED driver
025
.
Application Notes:
1.The positive and negative input terminals must be connected correctly and negative voltage can not be input
to avoid damage to the power supply.
2.Due to the large input current, please pay attention to the line voltage drop when wiring, to ensure the power
supply to work properly.


Similar Part No. - LDH-45B-700

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDH-25 MEANWELL-LDH-25 Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-25-250 MEANWELL-LDH-25-250 Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-25-250W MEANWELL-LDH-25-250W Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-25-350 MEANWELL-LDH-25-350 Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDH-25-350W MEANWELL-LDH-25-350W Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
More results

Similar Description - LDH-45B-700

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
logo
Kingbor Technology Co
KB2301 KINGBOR-KB2301 Datasheet
137Kb / 10P
   Step-Up DC-DC Converter
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
   Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com