Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZRA400R03 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZRA400R03
Description  PRECISION 4.0 VOLT MICROPOWER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRA400R03 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZRA400R03 Datasheet HTML 1Page - Zetex Semiconductors ZRA400R03 Datasheet HTML 2Page - Zetex Semiconductors ZRA400R03 Datasheet HTML 3Page - Zetex Semiconductors ZRA400R03 Datasheet HTML 4Page - Zetex Semiconductors ZRA400R03 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DEVICE DESCRIPTION
The ZRA400 uses a bandgap circuit design to
achieve a precision micropower voltage
reference of 4.096 volts. The device is available
in small outline surface mount packages, ideal
for applications where space saving is
important.
The ZRA400 design provides a stable voltage
without an external capacitor and is stable with
capacitive loads.
The ZRA400 is
recommended for operation between 50µA
and 5mA and so is ideally suited to low power
and battery powered applications.
Excellent performance is maintained to a
suggested absolute maximum of 25mA,
however the rugged design and 20 volt
processing allows the reference to withstand
transient effects and currents up to 200mA.
Superiorswitchingcapabilityallowsthedevice
to reach stable operating conditions in only a
few microseconds.
FEATURES
Small outline SO8, SOT23 and TO92 style
packages.
No stabilising capacitor required
Typical TC15ppm/°C
Typical slope resistance 0.55Ω
± 3%, 2% and 1%tolerance
Industrialtemperature range
Operating current 50µA to 5mA
APPLICATIONS
Battery powered and portable equipment.
Metering and measurement systems.
Instrumentation.
Test equipment.
Data acquisition systems.
Precision power supplies.
Crystal oscillators
PRECISION 4.0 VOLT MICROPOWER
VOLTAGE REFERENCE
ISSUE 1 - JANUARY 1996
ZRA400
V
R
Gnd
1 - 33
SCHEMATIC DIAGRAM


Similar Part No. - ZRA400R03

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZRA400R03 DIODES-ZRA400R03 Datasheet
171Kb / 5P
   PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - ZRA400R03

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZRA400 DIODES-ZRA400 Datasheet
171Kb / 5P
   PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-5.0 DIODES-ZR4040-5.0 Datasheet
175Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER
logo
Zetex Semiconductors
ZR4040-41 ZETEX-ZR4040-41 Datasheet
63Kb / 4P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRA125 ZETEX-ZRA125 Datasheet
169Kb / 5P
   PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF12 ZETEX-ZREF12 Datasheet
71Kb / 4P
   PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040_4.1 DIODES-ZR4040_4.1 Datasheet
90Kb / 5P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com