Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8533A135FT-TB-U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8533A135FT-TB-U
Description  SWITCHING REGULATOR CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8533A135FT-TB-U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8533A135FT-TB-U Datasheet HTML 5Page - Seiko Instruments Inc S-8533A135FT-TB-U Datasheet HTML 6Page - Seiko Instruments Inc S-8533A135FT-TB-U Datasheet HTML 7Page - Seiko Instruments Inc S-8533A135FT-TB-U Datasheet HTML 8Page - Seiko Instruments Inc S-8533A135FT-TB-U Datasheet HTML 9Page - Seiko Instruments Inc S-8533A135FT-TB-U Datasheet HTML 10Page - Seiko Instruments Inc S-8533A135FT-TB-U Datasheet HTML 11Page - Seiko Instruments Inc S-8533A135FT-TB-U Datasheet HTML 12Page - Seiko Instruments Inc S-8533A135FT-TB-U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_01
S-8533 Series
9
Operation
1. Synchronous PWM Control Step-down DC-DC Converter
1. 1 Synchronous Rectification
A synchronous rectifying DC-DC converter enables a greater reduction in the power consumption of the external
rectifying element compared with a conventional DC-DC converter. In addition, incorporating a P and N feed-
through prevention circuit reduces the feed-through current during operation of external transistors (P-channel and
N-channel), making the operating power consumption extremely low.
1. 2 PWM Control
The S-8533 Series is a DC-DC converter that uses pulse width modulation (PWM) and is characterized by its low
current consumption.
In conventional modulation PFM system DC-DC converters, pulses are skipped when they are operated with a low
output load current, causing variations in the ripple frequency of the output voltage and an increase in the ripple
voltage. Both of these effects constitute inherent drawbacks to those converters.
In the S-8533 Series, the pulse width varies in the range from 0 to 100% according to the load current, yet the ripple
voltage produced by the switching can easily be eliminated by a filter since the switching frequency is always
constant. When the pulse width is 0% (when there is no load or the input voltage is high), current consumption is
low since pulses are skipped.
2. Soft-Start Function
The S-8533 Series has a built-in soft-start circuit.
This circuit enables the output voltage (VOUT) to rise gradually over the specified soft-start time (tSS) to suppress the
overshooting of the output voltage, when the power is switched on or the ON/OFF pin is set “H”.
The soft-start time can be set with an external capacitance (CSS).
The time needed for the output voltage to reach 95% of the set output voltage value is calculated by the following
formula.
tSS [ms] = 0.002
× CSS [pF]
0
10
20
30
40
50
60
0
5000
10000
15000
20000
External capacitance (CSS) [pF]
Figure 7 Soft-Start Time
The value for CSS should be selected to give enough margin to the soft-start time against the power supply rise
time. If the soft-start time is short, possibility for output voltage overshoot, input current rush, and malfunction of the
IC increases.


Similar Part No. - S-8533A135FT-TB-U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8533A135FT-TB-U SII-S-8533A135FT-TB-U Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8533A135FT-TB-U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com