Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8353A25MC-IQKT2U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-8353A25MC-IQKT2U
Description  BUILT-IN TRANSISTOR SWITCHING REGULATOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8353A25MC-IQKT2U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-8353A25MC-IQKT2U Datasheet HTML 1Page - Seiko Instruments Inc S-8353A25MC-IQKT2U Datasheet HTML 2Page - Seiko Instruments Inc S-8353A25MC-IQKT2U Datasheet HTML 3Page - Seiko Instruments Inc S-8353A25MC-IQKT2U Datasheet HTML 4Page - Seiko Instruments Inc S-8353A25MC-IQKT2U Datasheet HTML 5Page - Seiko Instruments Inc S-8353A25MC-IQKT2U Datasheet HTML 6Page - Seiko Instruments Inc S-8353A25MC-IQKT2U Datasheet HTML 7Page - Seiko Instruments Inc S-8353A25MC-IQKT2U Datasheet HTML 8Page - Seiko Instruments Inc S-8353A25MC-IQKT2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_01
S-8353/8354 Series
5
(2) SOT-23-5, SOT-89-3
S-835 x x xx xx - xxx T2 x
Environmental code
U : Lead-free (Sn 100%), halogen-free
G : Lead-free (for details, please contact our sales office)
IC direction in tape specifications
*1
Product code
*2
Package code
MC : SOT-23-5
UA : SOT-89-3
Output voltage
15 to 65
(e.g. When the output voltage is 1.5 V, it is expressed as 15.)
Product type
A : Normal products (SOT-23-3, SOT-89-3)
or With shutdown function products (SOT-23-5), fOSC = 50 kHz
C : Normal products,
fOSC = 30 kHz
D : VDD / VOUT separate type,
fOSC = 50 kHz
H : Normal products (SOT-23-3, SOT-89-3)
or With shutdown function products (SOT-23-5), fOSC = 250 kHz
J : VDD / VOUT separate type,
fOSC = 250 kHz
Control system
3 : PWM control
4 : PWM / PFM switching control
*1. Refer to the tape specifications.
*2. Refer to the Table 4 to Table 8 in the “5. Product Name List”.
4. Package
Package Name
Drawing Code
Package
Tape
Reel
SOT-23-3
Environmental code = G
MP003-A-P-SD
MP003-A-C-SD
MP003-A-R-SD
Environmental code = U
MP003-C-P-SD
MP003-C-C-SD
MP003-Z-R-SD
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
SOT-89-3
UP003-A-P-SD
UP003-A-C-SD
UP003-A-R-SD


Similar Part No. - S-8353A25MC-IQKT2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8353AxxMA SII-S-8353AxxMA Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353AXXMA ABLIC-S-8353AXXMA Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S-8353AxxMC SII-S-8353AxxMC Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353AXXMC ABLIC-S-8353AXXMC Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S-8353AxxUA SII-S-8353AxxUA Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
More results

Similar Description - S-8353A25MC-IQKT2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8351 ABLIC-S-8351 Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
logo
Seiko Instruments Inc
S8351 SII-S8351 Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
Rohm
BD9739KN ROHM-BD9739KN_10 Datasheet
405Kb / 15P
   System Switching Regulator ICs with Built-in FET (10V)
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
Rohm
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9328EFJ ROHM-BD9328EFJ Datasheet
499Kb / 16P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD8649EFV ROHM-BD8649EFV Datasheet
373Kb / 14P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9870FPS ROHM-BD9870FPS Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com