Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

312149-1 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 312149-1
Description  Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

312149-1 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  312149-1 Datasheet HTML 1Page - TE Connectivity Ltd 312149-1 Datasheet HTML 2Page - TE Connectivity Ltd 312149-1 Datasheet HTML 3Page - TE Connectivity Ltd 312149-1 Datasheet HTML 4Page - TE Connectivity Ltd 312149-1 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Instruction Sheet
Terminating Head 58246- 1
for MTA- 100 Receptacle Connectors
408--6929
LOC B
1
of 5
E
2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or Company names may be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
07 APR 11 Rev E
Using Discrete Wire
Figure 1
Locating
Pawl
Adjuster
(Insertion Rod)
Wire
Inserter
Feed
Slide
Tool
Base
Mass Termination Assembly (MTA)--100
Insulation Displacement Contact (IDC)
Closed--End Receptacle Connectors
With Lock (Ramp)
With Lock (Ramp)
and Polarizing Tabs
1. INTRODUCTION
Terminating Head 58246--1 (shown in Figure 1) is
designed to terminate discrete wire in MTA--100 IDC
closed--end receptacle connectors with lock (ramp)
and with lock and polarizing tabs. Slotted contacts for
insulation displacement termination are pre--
assembled on 2.54--mm [.100--in.] centerlines in each
color--coded housing for a specific wire size.
The head must be installed in Pistol Grip Manual
Handle Assembly 58074--1 or Pistol Grip Pneumatic
Handle Assembly 58075--1. For head installation and
removal, refer to Instruction Sheet 408--6790 for the
manual handle assembly and 408--6789 for the
pneumatic handle assembly.
For detailed connector description and application
requirements, refer to Application Specification
114--1019.
Read these and all referenced instructions thoroughly
before using the head.
All numerical values in this instruction sheet are
in metric units [with U.S. customary units in
brackets]. Dimensions are in millimeters [and
inches]. Figures are not drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 8, REVISION SUMMARY.
2. DESCRIPTION
The head serves as a guide and support for the
connector during termination. Features of the head
(shown in Figure 1) and their function are as follows.
Wire Inserter — forces the wire into the two slotted
beams of the contact. Note that it provides support for
the contact beams when applying insertion force on
the wire.
Adjuster (Insertion Rod) — is a piston for the wire
inserter and regulates wire inserter travel.
Feed Slide — automatically positions the connector
after each termination.
Locating Pawl (or Anti--Backup Pawl) — aligns the
connector for insertion, and retains it during
termination.
3. SETUP AND TEST INSPECTION
The adjuster (insertion rod) is preset for wire sizes 28
through 22 AWG. If the wire is being inserted too
deeply or not deeply enough inside the contact, it may
be necessary to adjust the depth of the wire inserter
or, in addition, if the pneumatic handle assembly is
being used, it may be necessary to adjust the air
pressure. Proceed as follows:
3.1. Setup
1. Determine the wire size, and select the
appropriate color--coded connector from Figure 2.
WIRE SIZE (AWG)
CONNECTOR COLOR CODE
28
Green
26
Blue
24
Natural
22
Red
Figure 2
NOTE
i


Similar Part No. - 312149-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
312149-1 MACOM-312149-1 Datasheet
172Kb / 5P
   Terminating Head 58247- 1 For MTA- 156 Receptacle Connectors Using Discrete Wire
312149-1 MACOM-312149-1 Datasheet
224Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
312149-1 TEC-312149-1 Datasheet
172Kb / 5P
   Read these and all referenced instructions thoroughly before using the head.
312149-1 TEC-312149-1 Datasheet
76Kb / 4P
   Reason for revision is given in Section 8, REVISION SUMMARY.
312149-1 TEC-312149-1 Datasheet
336Kb / 5P
   Mass Insertion Terminating Head
More results

Similar Description - 312149-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8580 TEC-408-8580 Datasheet
262Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-10221 TEC-408-10221 Datasheet
262Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-10041 MACOM-408-10041 Datasheet
275Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-4074 TEC-408-4074 Datasheet
238Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-8340 TEC-408-8340 Datasheet
107Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-9603 MACOM-408-9603 Datasheet
224Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-9085 MACOM-408-9085 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-9910 MACOM-408-9910 Datasheet
169Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-10047 MACOM-408-10047 Datasheet
228Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-9809 MACOM-408-9809 Datasheet
122Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 4, REVISION SUMMARY.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com