Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8262AAA-I8T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-8262AAA-I8T1U
Description  BATTERY PROTECTION IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8262AAA-I8T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-8262AAA-I8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8262AAA-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8262AAA-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8262AAA-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8262AAA-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8262AAA-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8262AAA-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8262AAA-I8T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8262AAA-I8T1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.1.0_02
S-8262A Series
7
Electrical Characteristics
1. Ta =
+25°C
Table 7 (1 / 2)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
DETECTION VOLTAGE
Overcharge detection voltage n (n = 1, 2)
VCUn
VCU
− 0.020
VCU
VCU
+ 0.020
V
1
Ta =
−10°C to +60°C
*1
VCU
− 0.025
VCU
VCU
+ 0.025
V
1
Overcharge release voltage n (n = 1, 2)
VCLn
VCL
− 0.030
VCL
VCL
+ 0.030
V
1
Overdischarge detection voltage n (n = 1, 2) VDLn
VDL
− 0.050
VDL
VDL
+ 0.050
V
2
Overdischarge release voltage n (n = 1, 2)
VDUn
VDU
− 0.100
VDU
VDU
+ 0.100
V
2
Discharge overcurrent 1 detection voltage
VDIOV1
VDIOV1
− 0.010 VDIOV1 VDIOV1 + 0.010 V
2
Discharge overcurrent 2 detection voltage
VDIOV2
VDIOV2
− 0.020 VDIOV2 VDIOV2 + 0.020 V
2
Load short-circuiting detection voltage
VSHORT
0.600
0.700
0.800
V
2
Charge overcurrent detection voltage
VCIOV
VCIOV
− 0.020 VCIOV VCIOV + 0.020 V
2
0 V BATTERY CHARGE FUNCTION
0 V battery charge starting charger voltage V0CHA
0 V battery charge function
"available"
0.0
0.7
1.0
V
2
0 V battery charge inhibition battery voltage V0INH
0 V battery charge function
"unavailable"
0.4
0.8
1.1
V
2
INTERNAL RESISTANCE
Resistance between VM pin and VDD pin
RVMD
V1 = V2 = 1.8 V, V3 = 0 V
160
500
1500
k
Ω
3
Resistance between VM pin and VSS pin
RVMS
V1 = V2 = 3.5 V, V3 = 1.0 V
10
20
40
k
Ω
3
INPUT VOLTAGE
Operating voltage between VDD pin and
VSS pin
VDSOP1
1.5
10
V
DP pin voltage "H"
VDPH
V1 = V2 = 3.5 V
VDS
× 0.6
VDS
× 0.9
V
4
DP pin voltage "L"
VDPL
V1 = V2 = 3.5 V
VDS
× 0.1
VDS
× 0.4
V
4
INPUT CURRENT
Current consumption during operation
IOPE
V1 = V2 = 3.5 V, V3 = 0 V
4.0
8.0
μA2
Current consumption during power-down
IPDN
V1 = V2 = 1.5 V, V3 = 3.0 V
0.1
μA
2
VC pin current
IVC
V1 = V2 = 3.5 V, V3 = 0 V
0.2
0.7
1.5
μA
2
OUTPUT RESISTANCE
CO pin resistance "H"
RCOH
V1 = V2 = 3.5 V,
V3 = 0 V, V5 = 6.5 V
2.5
5
10
k
Ω
4
CO pin resistance "L"
RCOL
V1 = V2 = 4.7 V,
V3 = 0 V, V5 = 0.5 V
2.5
5
10
k
Ω
4
DO pin resistance "H"
RDOH
V1 = V2 = 3.5 V,
V3 = 0 V, V6 = 6.5 V
5
10
20
k
Ω
4
DO pin resistance "L"
RDOL
V1 = V2 = 1.8 V,
V3 = 3.6 V, V6 = 0.5 V
5
10
20
k
Ω
4
OUTPUT CURRENT
AO pin sink current
IAOL
V1 = V2 = 4.7 V, V4 = 0.5 V
10
μA
4
AO pin leak current
IAOH
V4 = 10.0 V
0.1
μA
4
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.


Similar Part No. - S-8262AAA-I8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8262AAA-I8T1U ABLIC-S-8262AAA-I8T1U Datasheet
566Kb / 36P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.1.0_03
More results

Similar Description - S-8262AAA-I8T1U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com