Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8355K18MC-NADT2G Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-8355K18MC-NADT2G
Description  PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8355K18MC-NADT2G Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-8355K18MC-NADT2G Datasheet HTML 1Page - Seiko Instruments Inc S-8355K18MC-NADT2G Datasheet HTML 2Page - Seiko Instruments Inc S-8355K18MC-NADT2G Datasheet HTML 3Page - Seiko Instruments Inc S-8355K18MC-NADT2G Datasheet HTML 4Page - Seiko Instruments Inc S-8355K18MC-NADT2G Datasheet HTML 5Page - Seiko Instruments Inc S-8355K18MC-NADT2G Datasheet HTML 6Page - Seiko Instruments Inc S-8355K18MC-NADT2G Datasheet HTML 7Page - Seiko Instruments Inc S-8355K18MC-NADT2G Datasheet HTML 8Page - Seiko Instruments Inc S-8355K18MC-NADT2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_01
S-8355/56/57/58 Series
5
3. Product Name
(1) SOT-23-3 Packages
S-835 x x xx MA - xxx T2 G
Environmental code
G : Lead-free (for details, please contact our sales office)
IC direction in tape specifications
*1
T2 : SOT-23-3
Product name (abbreviation)
*2
Package name (abbreviation)
MA : SOT-23-3
Output voltage
15 to 65
(e.g. When the output voltage is 1.5 V, it is expressed as 15.)
Product type
B : Normal product,
fOSC = 100 kHz
(S-8357/58 Series)
H : Normal product,
fOSC = 250 kHz
(S-8357/58 Series)
F : Normal product,
fOSC = 300 kHz
(S-8357/58 Series)
N : Normal product,
fOSC = 600 kHz
(S-8357/58 Series)
E : VDD / VOUT separate type,
fOSC = 100 kHz
(S-8357/58 Series)
J : VDD / VOUT separate type,
fOSC = 250 kHz
(S-8357/58 Series)
G :VDD / VOUT separate type,
fOSC = 300 kHz
(S-8357/58 Series)
P : VDD / VOUT separate type,
fOSC = 600 kHz
(S-8357/58 Series)
K : With shutdown function
+ VDD / VOUT separate type, fOSC = 100 kHz
(S-8355/56 Series)
L : With shutdown function
+ VDD / VOUT separate type, fOSC = 250 kHz
(S-8355/56 Series)
M :With shutdown function
+ VDD / VOUT separate type, fOSC = 300 kHz
(S-8355/56 Series)
Q :With shutdown function
+ VDD / VOUT separate type, fOSC = 600 kHz
(S-8355/56 Series)
Control system
5 or 7 : PWM control
6 or 8 : PWM / PFM switching control
*1. Refer to the tape specifications.
*2. Refer to the Table 4 to Table 11 in the “5. Product Name List”.


Similar Part No. - S-8355K18MC-NADT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8355KxxMC SII-S-8355KxxMC Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355KXXMC ABLIC-S-8355KXXMC Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
More results

Similar Description - S-8355K18MC-NADT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com