Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8340A56AFT-T2-G Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8340A56AFT-T2-G
Description  SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8340A56AFT-T2-G Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8340A56AFT-T2-G Datasheet HTML 7Page - Seiko Instruments Inc S-8340A56AFT-T2-G Datasheet HTML 8Page - Seiko Instruments Inc S-8340A56AFT-T2-G Datasheet HTML 9Page - Seiko Instruments Inc S-8340A56AFT-T2-G Datasheet HTML 10Page - Seiko Instruments Inc S-8340A56AFT-T2-G Datasheet HTML 11Page - Seiko Instruments Inc S-8340A56AFT-T2-G Datasheet HTML 12Page - Seiko Instruments Inc S-8340A56AFT-T2-G Datasheet HTML 13Page - Seiko Instruments Inc S-8340A56AFT-T2-G Datasheet HTML 14Page - Seiko Instruments Inc S-8340A56AFT-T2-G Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8340/8341 Series
11
(3) 300 kHz, Output Voltage Fixed Type (C Type)
Table 7
(Ta = 25
°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Measurement
Circuit
Output voltage*1
VOUT(E)
VIN
= VOUT(S) × 0.6,
IOUT
= VOUT(S)/50 Ω
VOUT(S)
× 0.98
VOUT(S)
VOUT(S)
× 1.02
V
1
Input voltage
VIN
6
V
1
Oscillation start voltage
VST
No external parts.
The voltage is applied to VOUT.
0.9
V
2
Current consumption 1
ISS1
VOUT
= VOUT(S) × 0.95,
EXT pin open
S-834xC25
− 34
210
430
μA
2
S-834xC35
− 44
270
520
μA
2
S-834xC45
− 54
350
650
μA
2
S-834xC55
− 60
440
740
μA
2
Current consumption 2
ISS2
VOUT
= VOUT(S) + 0.5 V, EXT pin open
110
185
μA
2
Current consumption
at shutdown
ISSS
VOUT
= VOUT(S) × 0.95, VON/OFF = 0 V
3.0
μA
2
EXT pin output current
IEXTH
VEXT
= VOUT(E) − 0.2 V
S-834xC25
− 34
−13
−24
mA
S-834xC35
− 44
−17
−30
mA
S-834xC45
− 54
−21
−34
mA
S-834xC55
− 60
−23
−37
mA
IEXTL
VEXT
= 0.2 V
S-834xC25
− 34
32
56
mA
S-834xC35
− 44
42
69
mA
S-834xC45
− 54
50
78
mA
S-834xC55
− 60
56
85
mA
Line regulation
ΔVOUT1
VIN
= VOUT(S) × 0.4 to VOUT(S) × 0.6
IOUT
= VOUT(S)/50 Ω
VOUT(S)
× 0.5%
VOUT(S)
× 1%
V
1
Load regulation
ΔVOUT2
VIN
= VOUT(S) × 0.6, 10 μA ≤ IOUT ≤ VOUT(S)/40 Ω
VOUT(S)
× 0.5%
VOUT(S)
× 1%
V
1
Output voltage
temperature coefficient*2
ΔVOUT
ΔTaVOUT
VIN
= VOUT(S) × 0.6, IOUT = VOUT(S)/50 Ω
Ta
= −40 to +85°C
±100
ppm/
°C1
Oscillation frequency
fOSC
VOUT
= VOUT(S) × 0.95
Measure waveform at the EXT pin
255
300
345
kHz
2
Maximum duty ratio
MaxDuty
VIN
= VOUT(S) × 0.95
Measure waveform at the EXT pin
73
82
89
%
2
PWM/PFM switching
duty ratio
(S-8341 Series C type)
PFMDuty VIN
= VOUT(E) − 0.1 V, under no load
15
21
31
%
1
Current limit detection
voltage
VSENSE
VOUT
= VOUT(S) × 0.95
Judge oscillation at the EXT pin or oscillation
stop at “L”
90
120
150
mV
2
ON/OFF pin input voltage VSH
VOUT
= VOUT(S) × 0.95
Judge oscillation at the EXT pin.
0.8
V
2
VSL
VOUT
= VOUT(S) × 0.95
Judge oscillation stop at the EXT pin.
0.3
V
2
ON/OFF pin input
leakage current
ISH
VOUT
= 6 V, VON/OFF = 6 V
−0.1
0.1
μA
2
ISL
VOUT
= 6 V, VON/OFF = 0 V
−0.1
0.1
μA
2
Soft-start time
tSS
VIN
= VOUT(S) × 0.6, CSS = 4700
pF, IOUT
= VOUT(S)/50 Ω,
S-8340Cxx
6.0
14.3
28.0
ms
1
Measure time until oscillation
occurs at EXT pin.
S-8341Cxx
6.0
17.2
28.0
ms
1
Efficiency
EFFI
VIN
= VOUT(S) × 0.6,
S-834xC25
− 34
83
%
1
IOUT
= VOUT(S)/50 Ω
S-834xC35
− 44
85
%
1
S-834xC45
− 54
87
%
1
S-834xC55
− 60
87
%
1


Similar Part No. - S-8340A56AFT-T2-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8340A25AFT-T2-G SII-S-8340A25AFT-T2-G Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A25AFT-T2-U SII-S-8340A25AFT-T2-U Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A60AFT-T2-G SII-S-8340A60AFT-T2-G Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8340A60AFT-T2-U SII-S-8340A60AFT-T2-U Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8340A56AFT-T2-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540A15FN-IAAT2Z SII-S-8540A15FN-IAAT2Z Datasheet
2Mb / 36P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759 Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759_06 Datasheet
269Kb / 28P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com