Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8351A25MC-J2KT2U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8351A25MC-J2KT2U
Description  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8351A25MC-J2KT2U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8351A25MC-J2KT2U Datasheet HTML 6Page - Seiko Instruments Inc S-8351A25MC-J2KT2U Datasheet HTML 7Page - Seiko Instruments Inc S-8351A25MC-J2KT2U Datasheet HTML 8Page - Seiko Instruments Inc S-8351A25MC-J2KT2U Datasheet HTML 9Page - Seiko Instruments Inc S-8351A25MC-J2KT2U Datasheet HTML 10Page - Seiko Instruments Inc S-8351A25MC-J2KT2U Datasheet HTML 11Page - Seiko Instruments Inc S-8351A25MC-J2KT2U Datasheet HTML 12Page - Seiko Instruments Inc S-8351A25MC-J2KT2U Datasheet HTML 13Page - Seiko Instruments Inc S-8351A25MC-J2KT2U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351/8352 Series
Rev.3.0_01
10
Absolute Maximum Ratings
Table 14
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Absolute maximum rating
Unit
VOUT pin voltage
VOUT
VSS
− 0.3 to VSS + 12
V
OFF
/
ON
pin voltage *1
OFF
/
ON
V
VSS
− 0.3 to VSS + 12
V
VDD pin voltage *2
VDD
VSS
− 0.3 to VSS + 12
V
CONT pin voltage
VCONT
VSS
− 0.3 to VSS + 12
V
EXT pin voltage
D type
VEXT
VSS
− 0.3 to VDD + 0.3
V
Others
VSS
− 0.3 to VOUT + 0.3
V
CONT pin current
ICONT
300
mA
EXT pin current
IEXT
±50
mA
Power dissipation
SOT-23-3
PD
150 (When not mounted on board)
mW
430*3
mW
SOT-23-5
250 (When not mounted on board)
mW
600*3
mW
SOT-89-3
500 (When not mounted on board)
mW
1000*3
mW
Operating ambient temperature
Topr
− 40 to + 85
°C
Storage temperature
Tstg
− 40 to + 125
°C
*1.
With shutdown function
*2.
For VDD / VOUT separate type
*3.
When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name :
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
800
400
0
Ambient temperature (Ta) [
°C]
1000
600
200
1200
SOT-23-3
SOT-23-5
SOT-89-3
0
50
100
150
400
200
0
Ambient temperature (Ta) [
°C]
500
300
100
600
SOT-23-3
SOT-23-5
SOT-89-3
Figure 10 Power Dissipation of Packages


Similar Part No. - S-8351A25MC-J2KT2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351AxxMC SII-S-8351AxxMC Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8351AXXMC ABLIC-S-8351AXXMC Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
More results

Similar Description - S-8351A25MC-J2KT2U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com