Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K10101TETLD Datasheet(PDF) 8 Page - COSMO Electronics Corporation

Part # K10101TETLD
Description  LOW INPUT CURRENT PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10101TETLD Datasheet(HTML) 8 Page - COSMO Electronics Corporation

Back Button K10101TETLD Datasheet HTML 3Page - COSMO  Electronics Corporation K10101TETLD Datasheet HTML 4Page - COSMO  Electronics Corporation K10101TETLD Datasheet HTML 5Page - COSMO  Electronics Corporation K10101TETLD Datasheet HTML 6Page - COSMO  Electronics Corporation K10101TETLD Datasheet HTML 7Page - COSMO  Electronics Corporation K10101TETLD Datasheet HTML 8Page - COSMO  Electronics Corporation K10101TETLD Datasheet HTML 9Page - COSMO  Electronics Corporation K10101TETLD Datasheet HTML 10Page - COSMO  Electronics Corporation K10101TETLD Datasheet HTML 11Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00003.3
- 8 -
http://www.cosmo-ic.com
cosmo
K1010 T Series
LOW INPUT CURRENT
PHOTOCOUPLER
Numbering System
K1010 X T Y (Z)
Notes:
K1010 = Part No.
X = Lead form option (1,3,4,6)
Y = CTR rank option (A , E)
Z = Tape and reel option (TLD,TRU)
Option
Description
Packing quantity
4 (TLD)
surface mount type package + TLD tape & reel option
2000 units per reel
4 (TRU)
surface mount type package + TRU tape & reel option
2000 units per reel
6 (TLD)
long creepage distance for surface mount type package +
TLD tape & reel option
2000 units per reel
6 (TRU)
long creepage distance for surface mount type package +
TRU tape & reel option
2000 units per reel
Recommended Pad Layout for Surface Mount Lead Form
Unit : mm
2.Long creepage distance
for surface mount type.
4 pin SMD
4 pin L
1.Surface mount type.


Similar Part No. - K10101TETLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K10101TE COSMO-K10101TE Datasheet
163Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - K10101TETLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Sharp Corporation
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
   Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC364N SHARP-PC364N Datasheet
63Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
   AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com