Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K20103ATL Datasheet(PDF) 10 Page - COSMO Electronics Corporation

Part # K20103ATL
Description  6PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K20103ATL Datasheet(HTML) 10 Page - COSMO Electronics Corporation

Back Button K20103ATL Datasheet HTML 3Page - COSMO  Electronics Corporation K20103ATL Datasheet HTML 4Page - COSMO  Electronics Corporation K20103ATL Datasheet HTML 5Page - COSMO  Electronics Corporation K20103ATL Datasheet HTML 6Page - COSMO  Electronics Corporation K20103ATL Datasheet HTML 7Page - COSMO  Electronics Corporation K20103ATL Datasheet HTML 8Page - COSMO  Electronics Corporation K20103ATL Datasheet HTML 9Page - COSMO  Electronics Corporation K20103ATL Datasheet HTML 10Page - COSMO  Electronics Corporation K20103ATL Datasheet HTML 11Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P01001.2
- 10 -
http://www.cosmo-ic.com
cosmo
K2010 Series
6PIN PHOTOTRANSISTOR
PHOTOCOUPLER
6-pin L Carrier Tape & Reel
TOLERANCE:±0.2mm
TLD
TRU
7.6
12.0
4.0
2.0
4.15
0.4


Similar Part No. - K20103ATL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K20103A COSMO-K20103A Datasheet
126Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - K20103ATL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP2110 COSMO-KP2110_15 Datasheet
286Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP2210 COSMO-KP2210_15 Datasheet
287Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KPC4N33 COSMO-KPC4N33_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP5010 COSMO-KP5010_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
DPC-817C ETC-DPC-817C Datasheet
861Kb / 5P
   PHOTOTRANSISTOR / PHOTOCOUPLER
logo
Lite-On Technology Corp...
MOC3020 LITEON-MOC3020 Datasheet
266Kb / 8P
   6pin DIP photocoupler, triac driver output
logo
COSMO Electronics Corp...
KP1040 COSMO-KP1040_15 Datasheet
312Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
K3010 COSMO-K3010_15 Datasheet
302Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com