Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K10104BTLD Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # K10104BTLD
Description  4PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10104BTLD Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  K10104BTLD Datasheet HTML 1Page - COSMO  Electronics Corporation K10104BTLD Datasheet HTML 2Page - COSMO  Electronics Corporation K10104BTLD Datasheet HTML 3Page - COSMO  Electronics Corporation K10104BTLD Datasheet HTML 4Page - COSMO  Electronics Corporation K10104BTLD Datasheet HTML 5Page - COSMO  Electronics Corporation K10104BTLD Datasheet HTML 6Page - COSMO  Electronics Corporation K10104BTLD Datasheet HTML 7Page - COSMO  Electronics Corporation K10104BTLD Datasheet HTML 8Page - COSMO  Electronics Corporation K10104BTLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00001.3
- 4 -
http://www.cosmo-ic.com
cosmo
K1010 Series
4PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Classification table of current
transfer ratio is shown below.
K1010 Model No.
CTR ( % )
Marking of
Classification
K1010 A
80 ~ 160
A
K1010 B
130 ~ 260
B
K1010 C
200 ~ 400
C
K1010 D
300 ~ 600
D
K1010 E
50 ~ 600
Blank,A,B,C,D,E
Fig.1 Current Transfer Ratio
vs. Forward Current
1
2
5
20
50
0
50
100
150
200
250
300
350
400
450
500
Ta=25℃
0
10
V =5V
0.5
CE
Forward Current IF (mA)
Fig.2 Collector Power Dissipation
Fig.3 Collector Dark Current
vs. Ambient Temperature
vs. Ambient Temperature
25
0
-55
50
0
100
125
75
50
200
150
250
115
-8
10
-55
0
25
10
-11
10
-10
-9
10
V =20V
10
-7
10
-6
10
-5
75
50
115
CE
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.4 Forward Current
Fig.5 Forward Current
vs. Ambient Temperature
vs. Forward Voltage
60
10
-55
0
20
0
25
30
40
50
50
75
115 125
500
1.8
-25°
1.6
1.2
1.0
1.4
20
2
5
10
50°
Ta=75°
C
50
100
200
C
2.4
2.0
2.2
C
C
25°
C
1
Ambient Temperature Ta (℃)
Forward Voltage VF (V)


Similar Part No. - K10104BTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K10104B COSMO-K10104B Datasheet
129Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - K10104BTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1210 COSMO-KP1210_15 Datasheet
291Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
K3010 COSMO-K3010_15 Datasheet
302Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KT1600 COSMO-KT1600_16 Datasheet
348Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1300 COSMO-KT1300_16 Datasheet
225Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2801 COSMO-KPS2801_15 Datasheet
219Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1610 COSMO-KT1610_16 Datasheet
182Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1310 COSMO-KT1310_16 Datasheet
225Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2805 COSMO-KPS2805_15 Datasheet
230Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT101X COSMO-KT101X_16 Datasheet
178Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1000 COSMO-KT1000_16 Datasheet
177Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com