Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K10106ZETLD Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # K10106ZETLD
Description  LOW INPUT CURRENT PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10106ZETLD Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  K10106ZETLD Datasheet HTML 1Page - COSMO  Electronics Corporation K10106ZETLD Datasheet HTML 2Page - COSMO  Electronics Corporation K10106ZETLD Datasheet HTML 3Page - COSMO  Electronics Corporation K10106ZETLD Datasheet HTML 4Page - COSMO  Electronics Corporation K10106ZETLD Datasheet HTML 5Page - COSMO  Electronics Corporation K10106ZETLD Datasheet HTML 6Page - COSMO  Electronics Corporation K10106ZETLD Datasheet HTML 7Page - COSMO  Electronics Corporation K10106ZETLD Datasheet HTML 8Page - COSMO  Electronics Corporation K10106ZETLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00005.3
- 1 -
http://www.cosmo-ic.com
cosmo
K1010 Z Series
LOW INPUT CURRENT
PHOTOCOUPLER
Description
The K1010 Z series consist of an infrared emitting
diode, optically coupled to a phototransistor detector.
They are packaged in a 4-pin DIP package and available
in wide-lead spacing and SMD option.
Schematic
1. Anode
2. Cathode
3. Emitter
4. Collector
Features
1.
Current transfer ratio
( CTR:Min. 50% at IF=0.1mA VCE=5V )
2.
High isolation voltage between input and output
( Viso:5000Vrms )
3.
Pb free and RoHS compliant
4.
MSL class 1
5.
Agency Approvals:
UL Approved (No. E169586): UL1577
c-UL Approved (No. E169586)
VDE Approved (No. 101347): DIN EN60747-5-5
FIMKO Approved: EN60065, EN60950, EN60335
SEMKO Approved: EN60065, EN60950, EN60335
CQC Approved: GB8898-2011, GB4943.1-2011
Applications
System appliances
Measuring instruments
Computer terminals
Programmable controllers
Medical instruments
Physical and chemical equipment
Signal transmission between circuits of different potentials and impedances


Similar Part No. - K10106ZETLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K10106ZE COSMO-K10106ZE Datasheet
165Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - K10106ZETLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010T COSMO-K1010T_16 Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Sharp Corporation
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
   Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC364N SHARP-PC364N Datasheet
63Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
   AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com