Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQV214TL Datasheet(PDF) 8 Page - COSMO Electronics Corporation

Part # KAQV214TL
Description  6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV214TL Datasheet(HTML) 8 Page - COSMO Electronics Corporation

Back Button KAQV214TL Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 7Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 8Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 9Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 10Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 11Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M10005.3
- 8 -
http://www.cosmo-ic.com
cosmo
KAQV214 Series
6PIN 400V N.O TYPE
SOLID STATE RELAY-MOSFET OUTPUT
Recommended Soldering Conditions
(a) Infrared reflow soldering:
Peak reflow soldering:
Time of peak reflow temperature:
Time of temperature higher than 230℃:
Time to preheat temperature from 180~190℃:
Number of reflows:
Flux:
260℃ or below (package surface temperature)
10 sec
30-60 sec
60-120 sec
Two
Rosin flux containing small amount of chlorine (The
flux with a maximum chlorine content of 0.2 Wt% is
recommended.)
Recommended Temperature Profile of Infrared Reflow
1 8 0 ℃
1 9 0 ℃
2 3 0 ℃
2 6 0 ℃
6 0 -1 2 0 s e c
3 0 -6 0 s e c
t (s )
1 0 s e c M a x .
(b) Wave soldering:
Temperature:
Time:
Preheating conditions:
Number of times:
Flux:
260℃ or below (molten solder temperature)
10 seconds or less
120℃ or below (package surface temperature)
One
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% is recommended.)
(c) Cautions:
Fluxes:
Avoid removing the residual flux with freon-based and chlorine-based
cleaning solvent.
Avoid shorting between portion of frame and leads.


Similar Part No. - KAQV214TL

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KAQV214 DBLECTRO-KAQV214 Datasheet
139Kb / 2P
   High Voltage, Photo Mos Relay
logo
COSMO Electronics Corp...
KAQV214 COSMO-KAQV214 Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214A COSMO-KAQV214A Datasheet
478Kb / 3P
   HIGH VOLTAGE, PHOTO EDMOS RELAY
logo
DB Lectro Inc
KAQV214A DBLECTRO-KAQV214A Datasheet
139Kb / 2P
   High Voltage, Photo Mos Relay
logo
COSMO Electronics Corp...
KAQV214A COSMO-KAQV214A Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Similar Description - KAQV214TL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV254 COSMO-KAQV254 Datasheet
470Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214 Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254_15 Datasheet
246Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216 COSMO-KAQV216_15 Datasheet
271Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216 COSMO-KAQV216 Datasheet
490Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV210 COSMO-KAQV210_15 Datasheet
270Kb / 12P
   6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV212 COSMO-KAQV212_15 Datasheet
264Kb / 12P
   6PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV213 COSMO-KAQV213_15 Datasheet
283Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414 COSMO-KAQV414 Datasheet
489Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414 COSMO-KAQV414_15 Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com