Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQV214TL Datasheet(PDF) 6 Page - COSMO Electronics Corporation

Part # KAQV214TL
Description  6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV214TL Datasheet(HTML) 6 Page - COSMO Electronics Corporation

Back Button KAQV214TL Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 7Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 8Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 9Page - COSMO  Electronics Corporation KAQV214TL Datasheet HTML 10Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M10005.3
- 6 -
http://www.cosmo-ic.com
cosmo
KAQV214 Series
6PIN 400V N.O TYPE
SOLID STATE RELAY-MOSFET OUTPUT
Fig.7 LED Dropout Voltage
vs. Ambient Temperature
Fig.8 Voltage vs. Current Characteristics
of Output at MOSFET Portion
0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
1 . 7
1 . 5
1 . 3
1 . 1
0 . 9
1 . 9
5 0 m A
3 0 m A
2 0 m A
1 0 m A
5 m A
1
2
3
4
5
-5
-4
-3
-2
-1
-2 0
-4 0
-6 0
-8 0
- 1 0 0
- 1 2 0
1 2 0
1 0 0
8 0
6 0
4 0
2 0
Ambient Temperature Ta (℃)
Voltage (V)
Fig.9 Turn-on Time
vs. LED Forward Current
Fig.10 Off-state Leakage Current
vs. Load Voltage
0
0.2
0.4
0.6
0.8
1.0
10
20
30
40
50
0
60
2 0
4 0
6 0
8 0
1 0 0
0
1 0
-1 2
1 0
1 0
1 0
-9
-6
-3
LED Forward Current (mA)
Load Voltage (V)
Fig.11 Turn-off Time
vs. LED Forward Current
Fig.12 Output Capacitance
vs. Applied Voltage
0
0.1
0.2
0.3
0.4
0.5
10
20
30
40
50
0
60
0
1 0
2 0
3 0
4 0
6 0
0
8 0
1 0
2 0
3 0
4 0
5 0
LED Forward Current (mA)
Applied Voltage (V)


Similar Part No. - KAQV214TL

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KAQV214 DBLECTRO-KAQV214 Datasheet
139Kb / 2P
   High Voltage, Photo Mos Relay
logo
COSMO Electronics Corp...
KAQV214 COSMO-KAQV214 Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214A COSMO-KAQV214A Datasheet
478Kb / 3P
   HIGH VOLTAGE, PHOTO EDMOS RELAY
logo
DB Lectro Inc
KAQV214A DBLECTRO-KAQV214A Datasheet
139Kb / 2P
   High Voltage, Photo Mos Relay
logo
COSMO Electronics Corp...
KAQV214A COSMO-KAQV214A Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Similar Description - KAQV214TL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV254 COSMO-KAQV254 Datasheet
470Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214 Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254_15 Datasheet
246Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216 COSMO-KAQV216_15 Datasheet
271Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216 COSMO-KAQV216 Datasheet
490Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV210 COSMO-KAQV210_15 Datasheet
270Kb / 12P
   6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV212 COSMO-KAQV212_15 Datasheet
264Kb / 12P
   6PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV213 COSMO-KAQV213_15 Datasheet
283Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414 COSMO-KAQV414 Datasheet
489Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414 COSMO-KAQV414_15 Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com