Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQV217STL Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KAQV217STL
Description  6PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV217STL Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KAQV217STL Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV217STL Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV217STL Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV217STL Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV217STL Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV217STL Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV217STL Datasheet HTML 7Page - COSMO  Electronics Corporation KAQV217STL Datasheet HTML 8Page - COSMO  Electronics Corporation KAQV217STL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M10002.3
- 5 -
http://www.cosmo-ic.com
cosmo
KAQV217 Series
6PIN 200V N.O TYPE
SOLID STATE RELAY-MOSFET OOUTPUT
Fig.1 Load Current
vs. Ambient Temperature
Fig.2 On Resistance
vs. Ambient Temperature
0
3 0
6 0
9 0
1 2 0
1 5 0
1 8 0
2 1 0
0
-2 0
-4 0
2 0
4 0
6 0
8 0
1 0 0
0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
5
1 0
1 5
2 0
2 5
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.3 Turn-on Time
vs. Ambient Temperature
Fig.4 Turn-off Time
vs. Ambient Temperature
0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
0 .2
0 .4
0 .6
0 .8
1 .0
0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
0 .2
0 .4
0 .6
0 .8
1 .0
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.5 LED Operate Current
vs. Ambient Temperature
Fig.6 LED Turn-off Current
vs. Ambient Temperature
0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
1
2
3
4
5
0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
0 . 5
1 . 0
1 . 5
2 . 0
2 . 5
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)


Similar Part No. - KAQV217STL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV217S COSMO-KAQV217S Datasheet
415Kb / 2P
   High Voltage, Solid State Relay-MOSFET Output
KAQV217S COSMO-KAQV217S_11 Datasheet
171Kb / 7P
   PRODUCT SPECIFICATION
More results

Similar Description - KAQV217STL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV213 COSMO-KAQV213 Datasheet
502Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253 COSMO-KAQV253_15 Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253 COSMO-KAQV253 Datasheet
469Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV216 COSMO-KAQV216_15 Datasheet
271Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216 COSMO-KAQV216 Datasheet
490Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214_15 Datasheet
272Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV212 COSMO-KAQV212_15 Datasheet
264Kb / 12P
   6PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254 Datasheet
470Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV210 COSMO-KAQV210_15 Datasheet
270Kb / 12P
   6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214 Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com