Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8355Q20MC-OWFT2G Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8355Q20MC-OWFT2G
Description  PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8355Q20MC-OWFT2G Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8355Q20MC-OWFT2G Datasheet HTML 6Page - Seiko Instruments Inc S-8355Q20MC-OWFT2G Datasheet HTML 7Page - Seiko Instruments Inc S-8355Q20MC-OWFT2G Datasheet HTML 8Page - Seiko Instruments Inc S-8355Q20MC-OWFT2G Datasheet HTML 9Page - Seiko Instruments Inc S-8355Q20MC-OWFT2G Datasheet HTML 10Page - Seiko Instruments Inc S-8355Q20MC-OWFT2G Datasheet HTML 11Page - Seiko Instruments Inc S-8355Q20MC-OWFT2G Datasheet HTML 12Page - Seiko Instruments Inc S-8355Q20MC-OWFT2G Datasheet HTML 13Page - Seiko Instruments Inc S-8355Q20MC-OWFT2G Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355/56/57/58 Series
Rev.8.1_01
10
Pin Configurations
1
2
3
SOT-23-3
Top view
Table 12 S-8357/58 Series B, H and F Types
(Without shutdown function, VDD / VOUT non-separate type)
Pin No.
Symbol
Pin Description
1
VOUT
Output voltage pin and IC power supply pin
2
VSS
GND pin
3
EXT
External transistor connection pin
Figure 5
SOT-23-5
Top view
5
4
3
2
1
Table 13 S-8355/56 Series K, L, M and Q Types
(With shutdown function, VDD / VOUT separate type)
Pin No.
Symbol
Pin Description
1
VOUT
Output voltage
2
VDD
IC power supply pin
3
OFF
/
ON
Shutdown pin
“H”: Normal operation (Step-up operating)
“L”: Step-up stopped (Entire circuit stopped)
4
VSS
GND pin
5
EXT
External transistor connection pin
Figure 6
Table 14 S-8357/58 Series B, H, F and N Types
(With shutdown function, VDD / VOUT non-separate type)
Pin No.
Symbol
Pin Description
1
OFF
/
ON
Shutdown pin
“H”: Normal operation (Step-up operating)
“L”: Step-up stopped (Entire circuit stopped)
2
VOUT
Output voltage pin and IC power supply pin
3
NC*1
No connection
4
VSS
GND pin
5
EXT
External transistor connection pin
*1. The NC pin indicates electrically open.
Table 15 S-8357/58 Series E, J, G and P Types
(Without shutdown function, VDD / VOUT separate type)
Pin No.
Symbol
Pin Description
1
VOUT
Output voltage pin
2
VDD
IC power supply pin
3
NC*1
No connection
4
VSS
GND pin
5
EXT
External transistor connection pin
*1. The NC pin indicates electrically open.


Similar Part No. - S-8355Q20MC-OWFT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8355QxxMC SII-S-8355QxxMC Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355QXXMC ABLIC-S-8355QXXMC Datasheet
853Kb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
More results

Similar Description - S-8355Q20MC-OWFT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com