Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

37C67X Datasheet(PDF) 8 Page - SMSC Corporation

Part # 37C67X
Description  ENHANCED SUPER I/O CONTROLLER WITH FAST IR
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

37C67X Datasheet(HTML) 8 Page - SMSC Corporation

Back Button 37C67X Datasheet HTML 4Page - SMSC Corporation 37C67X Datasheet HTML 5Page - SMSC Corporation 37C67X Datasheet HTML 6Page - SMSC Corporation 37C67X Datasheet HTML 7Page - SMSC Corporation 37C67X Datasheet HTML 8Page - SMSC Corporation 37C67X Datasheet HTML 9Page - SMSC Corporation 37C67X Datasheet HTML 10Page - SMSC Corporation 37C67X Datasheet HTML 11Page - SMSC Corporation 37C67X Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 194 page
background image
8
DESCRIPTION OF PIN FUNCTIONS
PIN
No./QFP
NAME
TOTAL
SYMBOL
BUFFER
TYPE
98
Request to Send 2/Sys Addr 12/ Parallel
IRQ_5
1
nRTS2/SA12
/IRQ5
O4/I/O24/
OD24
(Note 0)
99
Clear to Send 2/Sys Addr 13/ Parallel
IRQ_6
1
nCTS2/SA13
/IRQ6
I/I/O24/
OD24
(Note 0)
100
Data Terminal Ready/Sys Addr 14/ Parallel
IRQ_7
1
nDTR2/SA14
/IRQ7
O4/I/O24/
OD24
(Note 0)
97
Data Set Ready 2/Sys Addr 15/ Parallel
IRQ_10/nSMI
1
nDSR2/SA15
/IRQ10/
nSMI
I/I/O24/OD
24 (Note 0)
94
Data Carrier Detect 2/8042 P12/ Parallel
IRQ_11
1
nDCD2/P12/
IRQ11
I/IO24/O24
/OD24
(Note 0)
92
Ring Indicator 2/8042 P16/Parallel IRQ_12
1
nRI2/P16/
IRQ12
I/IO24/O24
/OD24
(Note 0)
PARALLEL PORT INTERFACE (17)
68:75
Parallel Port Data Bus
8
PD[0:7]
IO24
67
Printer Select
1
nSLCTIN
OD24/O24
66
Initiate Output
1
nINIT
OD24/O24
82
Auto Line Feed
1
nALF
OD24/O24
83
Strobe Signal
1
nSTROBE
OD24/O24
79
Busy Signal
1
BUSY
I
80
Acknowledge Handshake
1
nACK
I
78
Paper End
1
PE
I
77
Printer Selected
1
SLCT
I
81
Error at Printer
1
nERROR
I
KEYBOARD/MOUSE INTERFACE (6)
56
Keyboard Data
1
KDAT
IOD16P
57
Keyboard Clock
1
KCLK
IOD16P
58
Mouse Data
1
MDAT
IOD16P
59
Mouse Clock
1
MCLK
IOD16P
63
Keyboard Reset
1
KBDRST
(Note 3)
O4


Similar Part No. - 37C67X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
More results

Similar Description - 37C67X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
   Enhanced Super I/O Controller with Wake-Up
logo
SMSC Corporation
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
37B77X SMSC-37B77X Datasheet
573Kb / 196P
   ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com