Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8353H40MC-IWZT2G Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8353H40MC-IWZT2G
Description  BUILT-IN TRANSISTOR SWITCHING REGULATOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8353H40MC-IWZT2G Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8353H40MC-IWZT2G Datasheet HTML 6Page - Seiko Instruments Inc S-8353H40MC-IWZT2G Datasheet HTML 7Page - Seiko Instruments Inc S-8353H40MC-IWZT2G Datasheet HTML 8Page - Seiko Instruments Inc S-8353H40MC-IWZT2G Datasheet HTML 9Page - Seiko Instruments Inc S-8353H40MC-IWZT2G Datasheet HTML 10Page - Seiko Instruments Inc S-8353H40MC-IWZT2G Datasheet HTML 11Page - Seiko Instruments Inc S-8353H40MC-IWZT2G Datasheet HTML 12Page - Seiko Instruments Inc S-8353H40MC-IWZT2G Datasheet HTML 13Page - Seiko Instruments Inc S-8353H40MC-IWZT2G Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S-8353/8354 Series
Rev.3.0_01
10
Electrical Characteristics
(1) 50 kHz Product (A and D Types)
Table 14
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Measurement
circuit
Output voltage
VOUT
VOUT(S)
× 0.976
VOUT(S) VOUT(S)
× 1.024
V
2
Input voltage
VIN
10
V
2
Operation start voltage
VST1
IOUT = 1 mA
0.9
V
2
Oscillation start voltage
VST2
No external parts, Voltage applied to VOUT
0.8
V
1
Operation holding voltage
VHLD
IOUT = 1 mA, Judged by decreasing VIN
voltage gradually
0.7
V
2
Current consumption 1
ISS1
VOUT = VOUT(S)
× 0.95
S-835xx15 to 19
10.8
18.0
μA
1
S-835xx20 to 29
13.3
22.2
μA
1
S-835xx30 to 39
18.7
31.1
μA
1
S-835xx40 to 49
24.7
41.1
μA
1
S-835xx50 to 59
31.0
51.6
μA
1
S-835xx60 to 65
37.8
63.0
μA
1
Current consumption 2
ISS2
VOUT = VOUT(S)
+ 0.5 V
S-835xx15 to 19
4.8
9.5
μA
1
S-835xx20 to 29
5.0
9.9
μA
1
S-835xx30 to 39
5.1
10.2
μA
1
S-835xx40 to 49
5.3
10.6
μA
1
S-835xx50 to 59
5.5
10.9
μA
1
S-835xx60 to 65
5.7
11.3
μA
1
Current consumption during
shutdown
(With shutdown function)
ISSS
OFF
/
ON
V
= 0 V
0.5
μA
1
Switching current
ISW
VCONT = 0.4 V
S-835xx15 to 19
80
128
mA
1
S-835xx20 to 24
103
165
mA
1
S-835xx25 to 29
125
200
mA
1
S-835xx30 to 39
144
231
mA
1
S-835xx40 to 49
176
282
mA
1
S-835xx50 to 59
200
320
mA
1
S-835xx60 to 65
215
344
mA
1
Switching transistor leakage
current
ISWQ
VCONT = VOUT = 10 V
0.5
μA
1
Line regulation
ΔVOUT1
VIN = VOUT(S)
× 0.4 to × 0.6
30
60
mV
2
Load regulation
ΔVOUT2
IOUT = 10
μA to VOUT(S) / 250 × 1.25
30
60
mV
2
Output voltage temperature
coefficient
OUT
OUT
V
Ta
V
Ta =
−40°C to +85°C
±50
ppm /
°C
2
Oscillation frequency
fOSC
VOUT = VOUT(S)
× 0.95
42.5
50
57.5
kHz
1
Maximum duty ratio
MaxDuty
VOUT = VOUT(S)
× 0.95
75
83
90
%
1
PWM / PFM switching duty
ratio (For S-8354 Series)
PFMDuty
VIN = VOUT(S)
− 0.1 V, No-load
10
15
24
%
1
OFF
/
ON
pin input voltage
(With shutdown function)
VSH
Measured oscillation at CONT pin
0.75
V
1
VSL1
Judged oscillation stop at
CONT pin
At VOUT
≥1.5 V
0.3
V
1
VSL2
At VOUT
<1.5 V
0.2
V
1
OFF
/
ON
pin input current
(With shutdown function)
ISH
OFF
/
ON
V
= VOUT(S)
× 0.95
− 0.1
0.1
μA
1
ISL
OFF
/
ON
V
= 0 V
− 0.1
0.1
μA
1
Soft start time
tSS
3.0
6.0
12.0
ms
2
Efficiency
EFFI
85
%
2


Similar Part No. - S-8353H40MC-IWZT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8353HxxMA SII-S-8353HxxMA Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353HXXMA ABLIC-S-8353HXXMA Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S-8353HxxMC SII-S-8353HxxMC Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
ABLIC Inc.
S-8353HXXMC ABLIC-S-8353HXXMC Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S-8353HxxUA SII-S-8353HxxUA Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
More results

Similar Description - S-8353H40MC-IWZT2G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8351 ABLIC-S-8351 Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
logo
Seiko Instruments Inc
S8351 SII-S8351 Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
Rohm
BD9739KN ROHM-BD9739KN_10 Datasheet
405Kb / 15P
   System Switching Regulator ICs with Built-in FET (10V)
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S8353 SII-S8353 Datasheet
2Mb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
Rohm
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9328EFJ ROHM-BD9328EFJ Datasheet
499Kb / 16P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD8649EFV ROHM-BD8649EFV Datasheet
373Kb / 14P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9870FPS ROHM-BD9870FPS Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com