Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQW414ATR Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KAQW414ATR
Description  8PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW414ATR Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KAQW414ATR Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW414ATR Datasheet HTML 2Page - COSMO  Electronics Corporation KAQW414ATR Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW414ATR Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW414ATR Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW414ATR Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW414ATR Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW414ATR Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW414ATR Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M21002.3
- 2 -
http://www.cosmo-ic.com
cosmo
KAQW414 Series
8PIN 400V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Outside Dimension
Unit:mm
13.00
0.25
°
13.00
°
7.62
6.50
1.20
0.50
2.54
9.68
1.00
10.00±0.4
6.50
7.62
2.54
1.20
9.68
0
~10°
KAQW414
KAQW414A
KAQW414S
0.50±0.3
6.8±0.4
4.40
0.40
2.54
9.80
TOLERANCE
±0.2mm
1. Dual-in-line type.
2. Surface mount type.
3. Small outline for
surface mount type.
 Device Marking
cosmo
W414
YWW
Notes:
cosmo
W414□
□:Pin forming
YWW
Y:Year code / W:Week code


Similar Part No. - KAQW414ATR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAQW414A ETC-KAQW414A Datasheet
490Kb / 3P
   HIGH VOLTAGE, PHOTO MOS RELAY
logo
COSMO Electronics Corp...
KAQW414A COSMO-KAQW414A Datasheet
417Kb / 2P
   HIGH VOLTAGE, SOLID STATE RELAY - MOSFET OUTPUT
KAQW414A COSMO-KAQW414A_11 Datasheet
171Kb / 7P
   PRODUCT SPECIFICATION
More results

Similar Description - KAQW414ATR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412_15 Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412 Datasheet
632Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612 Datasheet
488Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414 COSMO-KAQV414_15 Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY414 COSMO-KAQY414_15 Datasheet
254Kb / 12P
   4PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW214 COSMO-KAQW214_15 Datasheet
249Kb / 12P
   8PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414 COSMO-KAQV414 Datasheet
489Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY412 COSMO-KAQY412_15 Datasheet
277Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com