Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8338AAAB-P8T1G Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8338AAAB-P8T1G
Description  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8338AAAB-P8T1G Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8338AAAB-P8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8338AAAB-P8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8338AAAB-P8T1G Datasheet HTML 9Page - Seiko Instruments Inc S-8338AAAB-P8T1G Datasheet HTML 10Page - Seiko Instruments Inc S-8338AAAB-P8T1G Datasheet HTML 11Page - Seiko Instruments Inc S-8338AAAB-P8T1G Datasheet HTML 12Page - Seiko Instruments Inc S-8338AAAB-P8T1G Datasheet HTML 13Page - Seiko Instruments Inc S-8338AAAB-P8T1G Datasheet HTML 14Page - Seiko Instruments Inc S-8338AAAB-P8T1G Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8337/8338 Series
11
Operation
1. Switching control method
PWM control (S-8337/8338 Series)
The S-8337/8338 Series is a DC-DC converter using a pulse width modulation method (PWM).
The pulse width of the S-8337/8338 Series varies from 0% to the maximum duty set by RDuty
depending on the load current (the pulse width of the S-8338 Series is fixed to 88%), but its switching
frequency does not change. Consequently, the ripple voltage generated from switching can be
removed easily via a filter.
2. Soft-start function
For this IC, the built-in soft-start circuit controls the rush current and overshoot of the output voltage
when powering on or when the
OFF
ON/
pin is switched to the “H” level. A reference voltage
adjustment method is adopted as the soft-start method. The following describes the soft-start
function.
The raising of the output voltage is controlled by slowly raising the reference voltage of the error
amplifier input from 0 V at power on as shown in Figure 7. The soft-start function is realized by
controlling the voltage of the FB pin so that it is the same potential as the reference voltage that is
slowly raised. A Rail-to-Rail amplifier is adopted as the error amplifier, which means that the voltage
is loop controlled so that it can be the same as the reference voltage.
The following explains the operation at power on (refer to Figure 8).
When VIN is raised from 0 V to 3.3 V, the VOUT voltage rises to a value close to VIN via the inductor L
and diode SD. This raises the voltage of the FB pin (VFB) by approximately 0.35 V (when RFB1
= 8.2
k
Ω, RFB2 = 1.0 kΩ). Because the reference voltage rises from 0 V, the VFB voltage is higher than the
reference voltage while the voltage rises from 0 V to 0.35 V. During this period, the EXT output is low.
The EXT output is in the stepped-up status between high and low after the reference voltage reaches
0.35 V and VOUT is slowly raised in accordance with the rising of the reference voltage.
Once the reference voltage rises, the voltage cannot be reset (the reference voltage is 0 V) unless the
power supply voltage is the UVLO detection voltage or lower or the shutdown pin is the “L” level.
Conversely, when the power supply voltage rises up to the reset voltage after it is lowered to the
UVLO detection voltage or lower, the output voltage is stepped up by the soft-start function.
PWM
Comparator
VOUT
RFB2
RFB1
FB
SD
L
VIN
EXT
CC
RZ
CZ
M1
+
CL
Error amplifier
Vref
0.5 V
0 V
+
Error amplifier
reference voltage
Figure 7


Similar Part No. - S-8338AAAB-P8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8338 SII-S-8338 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8338 ABLIC-S-8338 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results

Similar Description - S-8338AAAB-P8T1G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com