Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM-0603-220 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACM-0603-220
Description  Common Mode Choke Coil
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACM-0603-220 Datasheet(HTML) 1 Page - Abracon Corporation

  ACM-0603-220 Datasheet HTML 1Page - Abracon Corporation ACM-0603-220 Datasheet HTML 2Page - Abracon Corporation ACM-0603-220 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Common Mode Choke Coil
| | | | | | | | | | | | | | |
APPLICATIONS:
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 10.14.13
Visit www.abracon.com for Terms & Conditions of Sale
1.60 x 0.85 x 1.10mm
STANDARD SPECIFICATIONS
Abracon P/N:
ACM-0603
Storage Temperature
PART IDENTIFICATION:
Test Conditions
-40˚C to +85˚C
• These low profile design to save PCB space
• Very low DC resistance
• Wide impedance range from 22ohm to 250ohm
• Elimination of common mode noise in high-speed,
differential mode signal transmission applications such as
USB 2.0, IEEE1394 and LVDS.
ACM-0603
Part Number
ACM-0603-
Impedance Code
Common
Mode
Impedance
@100MHz
DCR
Rated
Current
Rated
Voltage
Withstanding
Voltage
Insulation
Resistance
Units
Ω ± 25%
Ω (max.)
mA
Vdc
Vdc
MΩ (min.)
ACM-0603-220
22
0.080
500
50
125
10
ACM-0603-450
45
0.110
500
50
125
10
ACM-0603-900
90
0.145
500
50
125
10
ACM-0603-121
120
0.175
500
50
125
10
ACM-0603-181
180
0.210
500
50
125
10
ACM-0603-251
250
0.280
400
50
125
10
1. Inductance is measured in HP4287A at frequency of 100MHz
2. Rated Current: For 15oC rise in temperature
-10ºC to +40ºC, 70% RH max.in tape and reel
Operating Temperature
ACM-0603-
-
Impedance Code
Packaging
Please refer to the Table
T: 2kpcs/reel
Pb RoHS/RoHS II Compliant
Solid Line: Common Mode
Dotted Line: Differential Mode
ELECTRICAL CHARACTERISTIC CURVES


Similar Part No. - ACM-0603-220

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM-2012 TDK-ACM-2012 Datasheet
90Kb / 4P
   Common Mode Choke Colls for Signal Line
logo
Abracon Corporation
ACM-21 ABRACON-ACM-21 Datasheet
1Mb / 5P
   Chip Wire Wound Common Mode Choke
01.27.14
ACM-21-121 ABRACON-ACM-21-121 Datasheet
1Mb / 5P
   Chip Wire Wound Common Mode Choke
01.27.14
ACM-21-161 ABRACON-ACM-21-161 Datasheet
1Mb / 5P
   Chip Wire Wound Common Mode Choke
01.27.14
ACM-21-181 ABRACON-ACM-21-181 Datasheet
1Mb / 5P
   Chip Wire Wound Common Mode Choke
01.27.14
More results

Similar Description - ACM-0603-220

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
LS6 DIT-LS6 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
Sumida Corporation
CPFC43 SUMIDA-CPFC43 Datasheet
50Kb / 1P
   Common Mode Choke Coil
logo
DONG IL TECHNOLOGY LTD.
LS3 DIT-LS3 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
KOA Speer Electronics, ...
SLF0905TTEB102Y KOA-SLF0905TTEB102Y Datasheet
334Kb / 1P
   common mode choke coil
logo
DONG IL TECHNOLOGY LTD.
LC4 DIT-LC4 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
LC4 DIT-LC4_V01 Datasheet
1,005Kb / 1P
   COMMON MODE CHOKE COIL
logo
KOA Speer Electronics, ...
SLF0905 KOA-SLF0905 Datasheet
334Kb / 1P
   common mode choke coil
logo
DONG IL TECHNOLOGY LTD.
LC2 DIT-LC2 Datasheet
3Mb / 2P
   COMMON MODE CHOKE COIL
LSA DIT-LSA Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
Sumida Corporation
BM1012LF SUMIDA-BM1012LF_06 Datasheet
143Kb / 1P
   DC COMMON MODE CHOKE COIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com