Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8338AACB-P8T1G Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8338AACB-P8T1G
Description  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8338AACB-P8T1G Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8338AACB-P8T1G Datasheet HTML 2Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 3Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 4Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 9Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8337/8338 Series
Rev.4.0_01
6
Absolute Maximum Ratings
Table 3 Absolute Maximum Ratings
(Unless otherwise specified: Ta
= 25°C, VSS = 0 V)
Parameter
Symbol
Absolute Maximum Rating
Unit
VIN pin voltage
VIN
VSS – 0.3 to VSS
+ 6.5
V
FB pin voltage
VFB
VSS – 0.3 to VSS
+ 6.5
V
EXT pin voltage
VEXT
VSS – 0.3 to VIN
+ 0.3
V
CSP pin voltage
VCSP
VSS – 0.3 to VIN
+ 0.3
V
CC pin voltage
VCC
VSS – 0.3 to VIN
+ 0.3
V
CC pin current
ICC
±10
mA
ROSC pin voltage
VROSC
VSS – 0.3 to VIN
+ 0.3
V
ROSC pin current
IROSC
±10
mA
RDuty pin voltage
VRDuty
VSS – 0.3 to VIN
+ 0.3
V
RDuty pin current
IRDuty
±10
mA
ON/OFF pin voltage
VON/OFF
VSS – 0.3 to VSS
+ 6.5
V
Power
dissipation
8-Pin SON(A)
PD
300 (When not mounted on board)
mW
600*1
mW
8-Pin TSSOP
300 (When not mounted on board)
mW
700*1
mW
Operating ambient temperature
Topr
–40 to
+85
°C
Storage temperature
Tstg
–40 to
+125
°C
*1. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product
could suffer physical damage. These values must therefore not be exceeded
under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
600
400
200
0
Ambient Temperature Ta (
°C)
500
300
100
700
800
8-Pin SON(A)
8-Pin TSSOP
0
50
100
150
300
200
100
0
Ambient Temperature Ta (
°C)
400
8-Pin SON(A)
8-Pin TSSOP
Figure 4 Power Dissipation of Package


Similar Part No. - S-8338AACB-P8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8338 SII-S-8338 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8338 ABLIC-S-8338 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results

Similar Description - S-8338AACB-P8T1G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com