Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3028 Datasheet(PDF) 2 Page - MTRONPTI

Part # M3028
Description  LVPECL/LVDS Differential Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M3028 Datasheet(HTML) 2 Page - MTRONPTI

  M3028 Datasheet HTML 1Page - MTRONPTI M3028 Datasheet HTML 2Page - MTRONPTI M3028 Datasheet HTML 3Page - MTRONPTI M3028 Datasheet HTML 4Page - MTRONPTI M3028 Datasheet HTML 5Page - MTRONPTI M3028 Datasheet HTML 6Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M3028 Series
SPECIFICATION FOR 5.0x7.0mm LVPECL/LVDS SMT VCXO
Page 2 of 6
The information contained herein is proprietary to MtronPTI and is submitted in confidence.
This information may not be copied or divulged without written permission from MtronPTI.
LVDS Electrical Specifications:
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Frequency of Operation
FO
30
170
MHz
Frequency Stability
Frequency Stability
F/F
See ordering information
Aging
-5
+5
ppm
1
st year
-3
+3
Per year thereafter
RF Output
Output Type
LVDS Compatible
Output Load
100 Ω Differential
V
Symmetry (duty cycle)
VOH
45
55
%
Ref. to 50% of waveform
Differential Output
Voltage
VDIFF
250
350
450
mV
peak-to-peak differential
output voltage
Output Offset Voltage
VOS
1.125
1.250
1.375
V
Rise/Fall Time
TR/TF
0.4
0.7
ns
20% to 80% of waveform
Start-up Time
TSU
10
ms
Tambient = +25°C
Enable Logic (Pad 2)
70% VCC or
N/C
V
Output Enabled
Disable Logic (Pad 2)
30% VCC
V
Output Disabled to high-Z
Frequency Adjustment
Control Voltage
0.30
1.65
3.00
V
Pad 1
Absolute Pull Range
APR
See ordering information
Modulation Bandwidth
fm
10
kHz
-3 dB
Input Impedance
Zin
100
kΩ
Pad 1
Linearity
10
%
Supply Voltage & Power Consumption
Operating Voltage
VCC
3.135
3.300
3.465
V
Supply Current
ICC
60
mA
Other Parameters
Phase Jitter (RMS)
ΦJ
0.2
ps
12 KHz to 20 MHz
156.25 MHz
Environmental & Packaging Requirements:
Storage Temperature
-55°C to 125°C
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Vibration
Per MIL-STD-202, Method 204D, Condition D
Aging
+85°C ±3°C, 720H (No BIAS)
Humidity
+40°C ±2°CX90~95%, 96H (NO BIAS)
Thermal Cycle
Per MIL-STD-883, Method 1011, Condition A
Hermeticity
Per MIL-STD-202, Method 112 (1 x 10
-8 atm cc/s of Helium)
Moisture Sensitivity Level
MSL1
Solderability
Per EIAJ-STD-002, Method 208
Max. Soldering Conditions
See solder profile, Figure 1
Pad Termination
Gold, 1 µm maximum thickness
Package Type
6-pad 5.0 X 7.0 mm leadless ceramic. RoHS compliant.


Similar Part No. - M3028

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30280F6HP RENESAS-M30280F6HP Datasheet
2Mb / 423P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
M30280F6WG RENESAS-M30280F6WG Datasheet
2Mb / 423P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
M30280F8HP RENESAS-M30280F8HP Datasheet
2Mb / 423P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
M30280F8WG RENESAS-M30280F8WG Datasheet
2Mb / 423P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
M30280FAHP RENESAS-M30280FAHP Datasheet
2Mb / 423P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
More results

Similar Description - M3028

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2075 MTRONPTI-M2075 Datasheet
201Kb / 5P
   LVPECL/LVDS Differential Output
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
logo
Integrated Device Techn...
ICS859S0424I IDT-ICS859S0424I Datasheet
909Kb / 24P
   Four programmable differential LVPECL or LVDS output pairs
logo
Maxim Integrated Produc...
MAX9374 MAXIM-MAX9374 Datasheet
167Kb / 9P
   Differential LVPECL-to-LVDS Translators
19-2326; Rev 0; 1/02
logo
CTS Corporation
335 CTS-335 Datasheet
138Kb / 5P
   DIFFERENTIAL LVPECL AND LVDS VCXO
logo
Integrated Device Techn...
ICS843S1333D IDT-ICS843S1333D Datasheet
823Kb / 14P
   One differential LVPECL output
ICS879S216I-02 IDT-ICS879S216I-02 Datasheet
873Kb / 22P
   2:2, Differential-to-LVPECL/LVDS Divider
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
logo
Integrated Device Techn...
ICS849S625I IDT-ICS849S625I Datasheet
639Kb / 24P
   Ten selectable differential LVPECL or LVDS outputs
logo
Maxim Integrated Produc...
MAX1217EVKIT MAXIM-MAX1217EVKIT Datasheet
982Kb / 21P
   On-Board LVDS/LVPECL Differential Level Translators
Rev 0; 3/06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com