Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQY412TR Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KAQY412TR
Description  4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY412TR Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KAQY412TR Datasheet HTML 1Page - COSMO  Electronics Corporation KAQY412TR Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY412TR Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY412TR Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY412TR Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY412TR Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY412TR Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY412TR Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY412TR Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M01001.5
- 5 -
http://www.cosmo-ic.com
cosmo
KAQY412 Series
4PIN 60V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
Fig.1 Load Current
vs. Ambient Temperature
Fig.2 On Resistance
vs. Ambient Temperature
0
5 0
1 0 0
1 5 0
2 0 0
2 5 0
3 0 0
3 5 0
0
- 2 0
- 4 0
2 0
4 0
6 0
8 0
1 0 0
0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
1
2
3
4
5
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.3 Operate (OFF) Time
vs. Ambient Temperature
Fig.4 Reverse (ON) Time
vs. Ambient Temperature
0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
0 .2
0 .4
0 .6
0 .8
1 .0
0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
0 .2
0 .4
0 .6
0 .8
1 .0
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.5 LED Operate Current
vs. Ambient Temperature
Fig.6 LED Turn-off Current
vs. Ambient Temperature
0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
1
2
3
4
5
0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
0 .5
1 .0
1 .5
2 .0
2 .5
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)


Similar Part No. - KAQY412TR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY412TR COSMO-KAQY412TR Datasheet
493Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY412TRU COSMO-KAQY412TRU Datasheet
493Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Similar Description - KAQY412TR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY412 COSMO-KAQY412 Datasheet
493Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY414 COSMO-KAQY414_15 Datasheet
254Kb / 12P
   4PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412_15 Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412_15 Datasheet
291Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412 Datasheet
632Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412 Datasheet
511Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212 COSMO-KAQY212_15 Datasheet
264Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com