Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACML-0603-221 Datasheet(PDF) 4 Page - Abracon Corporation

Part # ACML-0603-221
Description  MULTILAYER FERRITE CHIP BEAD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACML-0603-221 Datasheet(HTML) 4 Page - Abracon Corporation

  ACML-0603-221 Datasheet HTML 1Page - Abracon Corporation ACML-0603-221 Datasheet HTML 2Page - Abracon Corporation ACML-0603-221 Datasheet HTML 3Page - Abracon Corporation ACML-0603-221 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MULTILAYER FERRITE CHIP BEAD
|||||||| | | | | | | |
ACML-0603
1.00 x 0.80 x 0.80mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 01.19.14
Visit
www.abracon.com for Terms & Conditions of Sale
ISO 9001:2008
Pb RoHS/RoHS II Compliant
REFLOW PROFILE:
Dimension: mm
Profile Feature
Lead-Free Assembly
Average Ramp-Up Rate
( Tsmax to Tp )
3oC/second max.
Preheat
– Temperature Min (Tsmin)
– Temperature Max (Tsmax)
– Time ( tsmin to tsmax)
min to tsmax)
150 oC
200 oC
60-180 seconds
Time maintained above:
– Temperature (TL)
– Time (tL)
217 °C
60-150 seconds
Peak/Classification Temperature (Tp)
Peak/Classification Time (Tp)
260 °C
3-4 seconds
Time within 5 °C of actual Peak
Temperature (tp)
20-40 seconds
Ramp-Down Rate
6°C/second max.
Time 25 °C to Peak Temperature
8 minutes max.
Packing
T= tape and reel (4,000 pcs/reel)
A
1.05±0.15
B
1.9±0.15
C
8.0±0.3
D
3.5±0.05
E
1.75±0.1
F
4.0±0.1
G
2.0±0.05
H
4.0±0.1
ΦJ
1.5+0.1/-0
t(max)
1.0±0.05
A
178±2
B
60±2
C
13.0±0.5
D
21.0±0.8
E
2.0±0.5
W
10.0±1.15
t
1.2±0.2
R
1.0±0.25
TAPE & REEL:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.


Similar Part No. - ACML-0603-221

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-0603-220 ABRACON-ACML-0603-220 Datasheet
100Kb / 2P
   SURFACE-MOUNT MULTI-LAYER CHIP BEADS
More results

Similar Description - ACML-0603-221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
   Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
logo
Caliber Electronics Inc...
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
   Multilayer Ferrite Chip Bead
BF-LC100505 CALIBER-BF-LC100505 Datasheet
25Kb / 1P
   Multilayer Ferrite Chip Bead
logo
List of Unclassifed Man...
BF-SB100505-121Y-T ETC2-BF-SB100505-121Y-T Datasheet
30Kb / 1P
   Multilayer Ferrite Chip Bead
ZFB-0603H-121N ETC-ZFB-0603H-121N Datasheet
284Kb / 13P
   Multilayer Ferrite Chip Bead
V 1.2
logo
Eaton All Rights Reserv...
MFBA2V1005 EATON-MFBA2V1005 Datasheet
635Kb / 5P
   Automotive multilayer chip ferrite bead
December 2021
logo
Stackpole Electronics, ...
FB_SERIES SEI-FB_SERIES Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com