Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA1014 Datasheet(PDF) 1 Page - MTRONPTI

Part # PA1014
Description  Solid State High Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

PA1014 Datasheet(HTML) 1 Page - MTRONPTI

  PA1014 Datasheet HTML 1Page - MTRONPTI PA1014 Datasheet HTML 2Page - MTRONPTI PA1014 Datasheet HTML 3Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Solid State High Power Amplifier
20 – 520 MHz, Wide Instantaneous Bandwidth, Built-in protection
Broadband Series: PA1014
Copyright © 2015 MtronPTI. All rights reserved.
Rev. 20150317 | Page 1 of 3
2525 Shader Road, Orlando FL 32804
Mtronpti.com 407-298-2000
FEATURES
Class AB linear LDMOS design
20 – 520 MHz
100 Watt output power
50 dB gain
28 Volt operation
Suitable for all modulations standards
Fully protected – load VSWR, input overdrive,
over/under supply voltage, overcurrent
APPLICATIONS
Broadband jamming
Electronic warfare
EMI / EMC test equipment
Wideband. Agile. Powerful. Compact.
Spectrum management.
The first task is to get your message through. The second is to
prevent the other guy from getting his message through. The
MtronPTI PA1014 Solid State Power Amp provides a minimum of
100 Watts of CW power across the full bandwidth and less than 3.0
dBP-P gain flatness to meet the needs of broadband spectrum control.
With full power operation from 20.0 MHz to 520 MHz and built in
VSWR protection, the PA1014 has 50 dB of gain, perfect for stand-
alone, array or TWT driver applications.
MtronPTI’s line of Solid State Power Amplifiers is backed by a
multi-national design and manufacturing team with more than 150
years combined PA design experience. MtronPTI’s continuing focus
on client service ensures full program life engineering support from
specification to production to next generation architecture planning.
Like all MtronPTI’s SSPAs, the PA1014 is also available integrated
with power supply, cooling and communications interface as a rack
mountable unit for laboratory or fixed location applications.
EA-6B Prowler – U.S. Navy photo by Photographer’s Mate 3
rd Class
Martion S. Fuentes. (RELEASED)


Similar Part No. - PA1014

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA101 MACOM-PA101 Datasheet
849Kb / 9P
   Versatile Power Entry Module with Small Footprint
logo
MTRONPTI
PA1016 MTRONPTI-PA1016 Datasheet
855Kb / 3P
   Solid State High Power Amplifier
More results

Similar Description - PA1014

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PA1016 MTRONPTI-PA1016 Datasheet
855Kb / 3P
   Solid State High Power Amplifier
PA3034 MTRONPTI-PA3034 Datasheet
100Kb / 2P
   Solid State High Power Amplifier
PA2020 MTRONPTI-PA2020 Datasheet
918Kb / 3P
   Solid State High Power Amplifier
PA1067 MTRONPTI-PA1067 Datasheet
416Kb / 2P
   Solid State High Power Amplifier
PA1068 MTRONPTI-PA1068 Datasheet
1Mb / 2P
   Solid State High Power Amplifier
PA2037 MTRONPTI-PA2037 Datasheet
127Kb / 2P
   Solid State High Power Amplifier
PA1052 MTRONPTI-PA1052 Datasheet
1,006Kb / 2P
   Solid State High Power Amplifier
PA3033 MTRONPTI-PA3033 Datasheet
101Kb / 2P
   Solid State High Power Amplifier
PA1049 MTRONPTI-PA1049 Datasheet
833Kb / 3P
   Solid State High Power Amplifier
PA1044 MTRONPTI-PA1044 Datasheet
778Kb / 3P
   Solid State High Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com