Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACML-0805-600 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ACML-0805-600
Description  0805 Multilayer Ferrite Chip Bead
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACML-0805-600 Datasheet(HTML) 3 Page - Abracon Corporation

  ACML-0805-600 Datasheet HTML 1Page - Abracon Corporation ACML-0805-600 Datasheet HTML 2Page - Abracon Corporation ACML-0805-600 Datasheet HTML 3Page - Abracon Corporation ACML-0805-600 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
|||||||||| | | | | |
ACML-0805
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
LOW PROFILE WIRE WOUND INDUCTOR (CERAMIC BASE)
0805 Multilayer Ferrite Chip Bead
2.00 x 1.25 x 0.85m m
ISO9001:2008
MECHANICAL DIMENSIONS
REFLOW PROFILE
Revised: 04.09.14
Pb RoHS/RoHS II compliant
Materials
Dimension: mm
Part Name
Material
1
Base Material
Ferrite
2
Internal Conductor
Ag
3
Terminal Electrode
Ag
4
Terminal Electrode
Ni-Sn
L
W
T
a1, a2
2.00±0.20
1.25±0.20
0.85±0.20
0.50±0.30
Profile Feature
Lead-Free Assembly
Average Ramp-Up Rate
( Tsmax to Tp )
3oC/second max.
Preheat
– Temperature Min (Tsmin)
– Temperature Max (Tsmax)
– Time ( tsmin to tsmax)
min to tsmax)
150 oC
200 oC
60-180 seconds
Time maintained above:
– Temperature (TL)
– Time (tL)
217 °C
60-150 seconds
Peak/Classification Temperature (Tp)
Peak/Classification Time (Tp)
260 °C
3-4 seconds
Time within 5 °C of actual Peak
Temperature (tp)
20-40 seconds
Ramp-Down Rate
6°C/second max.
Time 25 °C to Peak Temperature
8 minutes max.


Similar Part No. - ACML-0805-600

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-0805-600 ABRACON-ACML-0805-600 Datasheet
100Kb / 2P
   SURFACE-MOUNT MULTI-LAYER CHIP BEADS
More results

Similar Description - ACML-0805-600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
   Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
logo
Caliber Electronics Inc...
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
   Multilayer Ferrite Chip Bead
BF-LC100505 CALIBER-BF-LC100505 Datasheet
25Kb / 1P
   Multilayer Ferrite Chip Bead
logo
List of Unclassifed Man...
BF-SB100505-121Y-T ETC2-BF-SB100505-121Y-T Datasheet
30Kb / 1P
   Multilayer Ferrite Chip Bead
ZFB-0603H-121N ETC-ZFB-0603H-121N Datasheet
284Kb / 13P
   Multilayer Ferrite Chip Bead
V 1.2
logo
Eaton All Rights Reserv...
MFBA2V1005 EATON-MFBA2V1005 Datasheet
635Kb / 5P
   Automotive multilayer chip ferrite bead
December 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com