Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP1020HETR Datasheet(PDF) 10 Page - COSMO Electronics Corporation

Part # KP1020HETR
Description  8PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1020HETR Datasheet(HTML) 10 Page - COSMO Electronics Corporation

Back Button KP1020HETR Datasheet HTML 3Page - COSMO  Electronics Corporation KP1020HETR Datasheet HTML 4Page - COSMO  Electronics Corporation KP1020HETR Datasheet HTML 5Page - COSMO  Electronics Corporation KP1020HETR Datasheet HTML 6Page - COSMO  Electronics Corporation KP1020HETR Datasheet HTML 7Page - COSMO  Electronics Corporation KP1020HETR Datasheet HTML 8Page - COSMO  Electronics Corporation KP1020HETR Datasheet HTML 9Page - COSMO  Electronics Corporation KP1020HETR Datasheet HTML 10Page - COSMO  Electronics Corporation KP1020HETR Datasheet HTML 11Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P02001.2
- 10 -
http://www.cosmo-ic.com
cosmo
KP1020 Series
8PIN PHOTOTRANSISTOR
PHOTOCOUPLER
8-pin L Carrier Tape & Reel
?1.50 MIN
?1.50
TLD
Direction of feed from reel
24.40
30.40 Max.
+0.20
-0.00
Unit:mm
TOLERANCE
±0.2mm
TRU
Direction of feed from reel
12.00
4.00
2.00
10.15
4.60
0.30


Similar Part No. - KP1020HETR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1020 COSMO-KP1020 Datasheet
327Kb / 2P
   High Reliability Photo Coupler
KP1020E COSMO-KP1020E Datasheet
327Kb / 2P
   High Reliability Photo Coupler
KP1020F COSMO-KP1020F Datasheet
327Kb / 2P
   High Reliability Photo Coupler
KP1020S COSMO-KP1020S Datasheet
96Kb / 6P
   PRODUCT SPECIFICATION
KP1020 COSMO-KP1020_10 Datasheet
97Kb / 6P
   PRODUCT SPECIFICATION
More results

Similar Description - KP1020HETR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
ELD3H7 EVERLIGHT-ELD3H7 Datasheet
895Kb / 11P
   8PIN 16 PIN ULTRA SMALL SSOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPC825 COSMO-KPC825_15 Datasheet
282Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KPC6N135 COSMO-KPC6N135_15 Datasheet
345Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N136 COSMO-KPC6N136_15 Datasheet
337Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KTLP350 COSMO-KTLP350_15 Datasheet
344Kb / 13P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KP1510 COSMO-KP1510_15 Datasheet
324Kb / 14P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KTLP250 COSMO-KTLP250_15 Datasheet
330Kb / 12P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KPC6N137 COSMO-KPC6N137_16 Datasheet
331Kb / 12P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com