Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K20106ETRU Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # K20106ETRU
Description  6PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K20106ETRU Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  K20106ETRU Datasheet HTML 1Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 2Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 3Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 4Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 5Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 6Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 7Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 8Page - COSMO  Electronics Corporation K20106ETRU Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P01001.2
- 1 -
http://www.cosmo-ic.com
cosmo
K2010 Series
6PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Description
The K2010 series consist of an infrared emitting
diode, optically coupled to a phototransistor detector.
They are packaged in a 6-pin DIP package and available
in wide-lead spacing and SMD option.
Schematic
3
2
4
5
1
6
1. Anode
2. Cathode
3. NC
4. Emitter
5. Collector
6. Base
Features
1.
Current transfer ratio
( CTR:Min. 60% at IF=2mA VCE=5V )
2.
High isolation voltage between input and output
( Viso:5000Vrms )
3.
Pb free and RoHS compliant
4.
MSL class 1
5.
Agency Approvals
UL Approved (No. E169586): UL1577
c-UL Approved (No. E169586)
VDE Approved (No. 101347): DIN EN60747-5-5
FIMKO Approved: EN60065, EN60950, EN60335
SEMKO Approved: EN60065, EN60950, EN60335
Applications
Registers, copies, automatic vending machines
System appliances, measuring instruments
Computer terminals, programmable controllers
Communications, telephone, etc
Electric home appliances, such as oil fan heaters, microwave oven, washer, refrigerator, air conditioner
Medical instruments, physical and chemical equipment
Signal transmission between circuits of different potentials and impedances
Facsimile equipment, audio, video
Switching power supply, laser beam printer


Similar Part No. - K20106ETRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K20106E COSMO-K20106E Datasheet
127Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - K20106ETRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP2110 COSMO-KP2110_15 Datasheet
286Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP2210 COSMO-KP2210_15 Datasheet
287Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KPC4N33 COSMO-KPC4N33_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP5010 COSMO-KP5010_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
DPC-817C ETC-DPC-817C Datasheet
861Kb / 5P
   PHOTOTRANSISTOR / PHOTOCOUPLER
logo
Lite-On Technology Corp...
MOC3020 LITEON-MOC3020 Datasheet
266Kb / 8P
   6pin DIP photocoupler, triac driver output
logo
COSMO Electronics Corp...
KP1040 COSMO-KP1040_15 Datasheet
312Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
K3010 COSMO-K3010_15 Datasheet
302Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com