Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UD06122G-K10-3030-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UD06122G-K10-3030-R
Description  Stable with Low ESR Output Ceramic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD06122G-K10-3030-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UD06122G-K10-3030-R Datasheet HTML 2Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 3Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 4Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 5Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 6Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 7Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 8Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 9Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
UD06122
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R115-013 .A
TYPICAL APPLICATION CIRCUIT
1.7V≤VOUT≤4.4V
1.8V/1.2A
GND2
OFF ON
GND1
FB1
LX1
EN1
VOUT1
VIN1
200K
100K
10μF
UTC
UD06122
2.2μH
VIN2
10μF
VIN
LX2
FB2
EN2
OFF ON
3.3V/1.2A
VOUT2
450K
100K
10μF
2.2μH
10μF
R3
R4
R1
R2
22P
C3
22P
C4
option
option
VOUT1=VFB1×(1+
), VOUT2=VFB2×(1+
)
R1
R2
R3
R4
R2, R4: Rang=50K~300K
1.0V≤VOUT≤1.6V


Similar Part No. - UD06122G-K10-3030-R

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD0002U XINDEYI-UD0002U Datasheet
131Kb / 8P
   N-Channel Enhancement Mode Field Effect Transistor
UD0006 XINDEYI-UD0006 Datasheet
543Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD0006 UNITPOWER-UD0006 Datasheet
543Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
UD0008 XINDEYI-UD0008 Datasheet
734Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD0008 UNITPOWER-UD0008 Datasheet
734Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
More results

Similar Description - UD06122G-K10-3030-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD38252G-SH2-R UTC-UD38252G-SH2-R Datasheet
285Kb / 7P
   Stable with Low ESR Ceramic Output Capacitors
logo
Texas Instruments
LP38842 TI1-LP38842_15 Datasheet
985Kb / 17P
[Old version datasheet]   Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38692-ADJ NSC-LP38692-ADJ Datasheet
777Kb / 13P
   1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38691-ADJ NSC-LP38691-ADJ Datasheet
750Kb / 13P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
[Old version datasheet]   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38843 TI-LP38843_15 Datasheet
962Kb / 17P
[Old version datasheet]   3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38692MP-3.3 TI1-LP38692MP-3.3 Datasheet
1Mb / 28P
[Old version datasheet]   1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38842 TI1-LP38842 Datasheet
989Kb / 17P
[Old version datasheet]   1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com