Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP1510TR Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KP1510TR
Description  8PIN IGBT GATE DRIVE PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1510TR Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KP1510TR Datasheet HTML 1Page - COSMO  Electronics Corporation KP1510TR Datasheet HTML 2Page - COSMO  Electronics Corporation KP1510TR Datasheet HTML 3Page - COSMO  Electronics Corporation KP1510TR Datasheet HTML 4Page - COSMO  Electronics Corporation KP1510TR Datasheet HTML 5Page - COSMO  Electronics Corporation KP1510TR Datasheet HTML 6Page - COSMO  Electronics Corporation KP1510TR Datasheet HTML 7Page - COSMO  Electronics Corporation KP1510TR Datasheet HTML 8Page - COSMO  Electronics Corporation KP1510TR Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Cosmo Electronics Corp.
Document No. 69P51006.2
- 5 -
http://www.cosmo-ic.com
cosmo
KP1510 Series
8PIN IGBT GATE DRIVE
PHOTOCOUPLER
Switching Characteristics
(Ta = 25℃)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay
time
“L→H”
tpLH
IF=7mA to 16mA
Rg=10Ω,Cg=10nF
F=10KHz,Duty Cycle=50%
0.1
0.3
0.5
us
“H→L”
tpHL
0.1
0.3
0.5
us
Pulse width distortion
tPhl- tpLH
PWD
0.3
us
Propagation delay difference
Between AnyTwo Parts or
Channels (tPhl- tPlh)
(7)
PDD
(Skew)
-0.35
0.35
us
Output rise time (10%-90%)
tr
0.1
us
Output fall time
tf
0.1
us
UVLO turn-on delay
TUVLO ON
IF =10mA, VO>5V
0.8
us
UVLO turn-off delay
TUVLO OFF IF =10mA, VO<5V
0.6
us
Common mode transient
immunity at high level output
∣CMH
TA=25 ,V
CC=30V,
IF=10mA to 16mA VCM=1500V
(8)
25
35
KV / μs
Common mode transient
immunity at low level output
∣CML
TA=25 ,V
CC=30V,
VF=0V VCM=1500V
(9)
25
35
KV / μs
Notes:
1. Maximum pulse width = 10μs, maximum duty cycle = 1.1%
2. Derate linearly above 87°C, free air temperature at a rate of 0.77mW/°C
3. No derating required across temperature range.
4. Functional operation under these conditions is not implied. Permanent damage may occur if the device is
subjected to conditions outside these ratings.
5. Device is considered a two terminal device: Pins 2 and 3 are shorted together and Pins 5, 6, 7 and 8 are shorted
together.
6. 5,000 VRMS for 1 minute duration is equivalent to 6,000 VACRMS for 1 second duration.
7. The difference between tPHL and tPLH between any two KP1510 parts under same test conditions.
8. Common mode transient immunity at output high is the maximum tolerable negative dVcm/dt on the trailing edge
of the common mode impulse signal, Vcm, to assure that the output will remain high (i.e. VO > 15.0V).
9. Common mode transient immunity at output low is the maximum tolerable positive dVcm/dt on the leading edge of
the common pulse signal, Vcm, to assure that the output will remain low (i.e. VO < 1.0V).
10. Pulse Width, PW 1μs, 300pps
11. Exponential Waveform, IO(PEAK) ≦2.5A (≦0.3μs)


Similar Part No. - KP1510TR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1510 COSMO-KP1510 Datasheet
203Kb / 9P
   PRODUCT SPECIFICATION
KP1510H COSMO-KP1510H Datasheet
186Kb / 9P
   PRODUCT SPECIFICATION
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
   High Noise Immunity, 2.5A Output Current
More results

Similar Description - KP1510TR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP250 COSMO-KTLP250_15 Datasheet
330Kb / 12P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KTLP350 COSMO-KTLP350_15 Datasheet
344Kb / 13P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KPC825 COSMO-KPC825_15 Datasheet
282Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1020 COSMO-KP1020_15 Datasheet
281Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com