Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8520A30MC-AVPT2U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8520A30MC-AVPT2U
Description  SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8520A30MC-AVPT2U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8520A30MC-AVPT2U Datasheet HTML 1Page - Seiko Instruments Inc S-8520A30MC-AVPT2U Datasheet HTML 2Page - Seiko Instruments Inc S-8520A30MC-AVPT2U Datasheet HTML 3Page - Seiko Instruments Inc S-8520A30MC-AVPT2U Datasheet HTML 4Page - Seiko Instruments Inc S-8520A30MC-AVPT2U Datasheet HTML 5Page - Seiko Instruments Inc S-8520A30MC-AVPT2U Datasheet HTML 6Page - Seiko Instruments Inc S-8520A30MC-AVPT2U Datasheet HTML 7Page - Seiko Instruments Inc S-8520A30MC-AVPT2U Datasheet HTML 8Page - Seiko Instruments Inc S-8520A30MC-AVPT2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
S-8520/8521 Series
www.sii-ic.com
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE
SWITCHING REGULATOR CONTROLLER
© SII Semiconductor Corporation, 1997-2010
Rev.9.0_01
1
The S-8520/8521 Series is a CMOS step-down switching regulator-controller with PWM control (S-8520 Series) and PWM
/ PFM switching control (S-8521 Series). The S-8520/8521 Series has a reference voltage source, an oscillation circuit, an
error amplifier, and other components.
The S-8520 Series provides low-ripple power, high efficiency, and excellent transient characteristics due to a PWM control
circuit capable of varying the duty ratio linearly from 0% up to 100%. The S-8520/8521 Series also has a soft-start circuit
that prevents overshoot at startup.
The S-8521 Series works with either PWM control or PFM control. It normally operates using PWM control with a duty ratio
of 25% to 100%, but under a light load, it automatically switches to PFM control with a duty ratio of 25%. The S-8520/8521
Series ensures high efficiency over a wide range of conditions for devices, from the standby mode to the operation.
By adding external Pch power MOS FET or PNP transistor, coil, capacitor, and externally connected diode, the
S-8520/8521 Series can function as a step-down switching regulator, and is ideal for power supply units of portable
devices due to small SOT-23-5 and the feature of low current consumption. It is also ideal for AC adapters due to the input
voltage up to 16 V.
Features
• Low current consumption During operation: 60 μA max. (A, B types)
21
μA max. (C, D types)
100
μA max. (E, F types)
During shutdown: 0.5
μA max.
• Input voltage:
2.5 V to 16 V (B, D, F types)
2.5 V to 10 V (A, C, E types)
• Output voltage:
Selectable between 1.5 V and 6.0 V in 0.1 V step
• Duty ratio:
0% to 100% PWM control (S-8520 Series)
25% to100% PWM / PFM switching control (S-8521 Series)
• External parts are Pch power MOS FET or PNP transistor, coil, diode, and capacitor only
(When using PNP transistor, add base resistor and capacitor).
• Oscillation frequency:
180 kHz typ. (A, B types)
60 kHz typ.
(C, D types)
300 kHz typ. (E, F types)
• Soft-start function:
8 ms. typ.
(A, B types)
12 ms. typ.
(C, D types)
4.5 ms. typ. (E, F types)
• With a shutdown function
• With a built-in overload protection circuit Overload detection time:
4 ms. typ.
(A type)
14 ms. typ.
(C type)
2.6 ms. typ. (E type)
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.


Similar Part No. - S-8520A30MC-AVPT2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8520A30MC-AVPT2x SII-S-8520A30MC-AVPT2x Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8520A30MC-AVPT2U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com