Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP12106KTLD Datasheet(PDF) 6 Page - COSMO Electronics Corporation

Part # KP12106KTLD
Description  4PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP12106KTLD Datasheet(HTML) 6 Page - COSMO Electronics Corporation

Back Button KP12106KTLD Datasheet HTML 2Page - COSMO  Electronics Corporation KP12106KTLD Datasheet HTML 3Page - COSMO  Electronics Corporation KP12106KTLD Datasheet HTML 4Page - COSMO  Electronics Corporation KP12106KTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KP12106KTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KP12106KTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KP12106KTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KP12106KTLD Datasheet HTML 9Page - COSMO  Electronics Corporation KP12106KTLD Datasheet HTML 10Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00011.2
- 6 -
http://www.cosmo-ic.com
KP1210 Series
4PIN PHOTOTRANSISTOR
PHOTOCOUPLER
cosmo
 Test Circuit For Response Time
IF
VCE
tr
tf
90%
10%
2
1
3
4
RL
VCC
VCE
IF


Similar Part No. - KP12106KTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP12106E COSMO-KP12106E Datasheet
97Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - KP12106KTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K1010 COSMO-K1010_16 Datasheet
472Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
K3010 COSMO-K3010_15 Datasheet
302Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KT1600 COSMO-KT1600_16 Datasheet
348Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1300 COSMO-KT1300_16 Datasheet
225Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2801 COSMO-KPS2801_15 Datasheet
219Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1610 COSMO-KT1610_16 Datasheet
182Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1310 COSMO-KT1310_16 Datasheet
225Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2805 COSMO-KPS2805_15 Datasheet
230Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT101X COSMO-KT101X_16 Datasheet
178Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1000 COSMO-KT1000_16 Datasheet
177Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com