Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-BGA-6009 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # CBT-BGA-6009
Description  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6009 Datasheet(HTML) 3 Page - Ironwood Electronics.

  CBT-BGA-6009 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6009 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6009 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6009 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-6009 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D
E
b
e
0.20
.25 C A B
.10
A
B
D
A
A1
DETAIL D
SCALE 4 : 1
.35 C
SEE NOTE #5
.20 C
C
Dimensions are in millimeters.
1.
Interpret dimensions and tolerances per ASME Y14.5M-1994.
2.
Dimension b is measured at the maximum solder ball diameter, parallel to datum plane Z.
3.
Datum Z (seating plane) is defined by the spherical crowns of the solder balls.
4.
Parallelism measurement shall exclude any effect of mark on top surface of package.
5.
Ironwood Package Code: BGA900A1
DIM
MIN
MAX
A
2.9
3.5
A1
0.4
0.6
b
0.5
0.7
D
30.8
31.2
E
30.8
31.2
e
1.0
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 8/23/2012
Material: N/A
Finish: N/A
Weight: 209.38
CBT-BGA-6009 Drawing
SCALE: 1:1
SHEET: 3 OF 5
DRAWN BY: M. Raske
FILE: CBT-BGA-6009 Dwg


Similar Part No. - CBT-BGA-6009

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6000 IRONWOOD-CBT-BGA-6000 Datasheet
344Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6001 IRONWOOD-CBT-BGA-6001 Datasheet
404Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6003 IRONWOOD-CBT-BGA-6003 Datasheet
329Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6004 IRONWOOD-CBT-BGA-6004 Datasheet
467Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-6009

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com