Electronic Components Datasheet Search |
|
KP2110LETLD Datasheet(PDF) 3 Page - COSMO Electronics Corporation |
|
KP2110LETLD Datasheet(HTML) 3 Page - COSMO Electronics Corporation |
3 / 11 page Cosmo Electronics Corp. Document No. 69P01002.2 - 3 - http://www.cosmo-ic.com cosmo KP2110 Series 6PIN PHOTOTRANSISTOR PHOTOCOUPLER Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Rating Unit Input Forward current IF 50 mA Peak forward current IFM 1 A Reverse voltage VR 6 V Power dissipation PD 70 mW Output Collector-emitter voltage VCEO 80 V Emitter-collector voltage VECO 6 V Collector current IC 50 mA Collector power dissipation PC 150 mW Total power dissipation Ptot 200 mW Isolation voltage 1 minute Viso 5000 Vrms Operating temperature Topr -55 to +115 ℃ Storage temperature Tstg -55 to +125 ℃ Soldering temperature 10 seconds Tsol 260 ℃ Electro-optical Characteristics (Ta=25℃) Parameter Symbol Conditions Min. Typ. Max. Unit Input Forward voltage VF IF=20mA - 1.2 1.4 V Peak forward voltage VFM IFM=0.5A - - 3.5 V Reverse current IR VR=4V - - 10 μA Terminal capacitance Ct V=0, f=1KHz - 30 - pF Output Collector dark current ICEO VCE=20V, IF=0 - - 0.1 μA Transfer charac- teristics Current transfer ratio CTR IF=2mA, VCE=5V 60 - 600 % Collector-emitter saturation VCE(sat) IF=20mA, IC=1mA - 0.1 0.3 V Isolation resistance Riso DC500V 5x10 10 10 11 - Ω Floating capacitance Cf V=0, f=1MHz - 0.6 1.0 pF Cut-off frequency fC VCC=5V, IC=2mA, RL=100Ω - 80 - KHz Response time ( Rise ) tr VCE=2V, IC=2mA, RL=100Ω - 5 20 μs Response time ( Fall ) tf - 4 20 μs |
Similar Part No. - KP2110LETLD |
|
Similar Description - KP2110LETLD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |