Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP2110SETRU Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KP2110SETRU
Description  6PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP2110SETRU Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KP2110SETRU Datasheet HTML 1Page - COSMO  Electronics Corporation KP2110SETRU Datasheet HTML 2Page - COSMO  Electronics Corporation KP2110SETRU Datasheet HTML 3Page - COSMO  Electronics Corporation KP2110SETRU Datasheet HTML 4Page - COSMO  Electronics Corporation KP2110SETRU Datasheet HTML 5Page - COSMO  Electronics Corporation KP2110SETRU Datasheet HTML 6Page - COSMO  Electronics Corporation KP2110SETRU Datasheet HTML 7Page - COSMO  Electronics Corporation KP2110SETRU Datasheet HTML 8Page - COSMO  Electronics Corporation KP2110SETRU Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P01002.2
- 4 -
http://www.cosmo-ic.com
cosmo
KP2110 Series
6PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Classification table of current
transfer ratio is shown below.
KP2110 Model No.
CTR ( % )
KP2110 E
60 ~ 600
Fig.1 Current Transfer Ratio
vs. Forward Current
1
2
5
20
50
0
50
100
150
200
250
300
350
400
450
500
Ta=25℃
0
10
V =5V
0.5
CE
Forward current IF (mA)
Fig.2 Collector Power Dissipation
vs. Ambient Temperature
Fig.3 Collector Dark Current
vs. Ambient Temperature
25
0
-55
50
0
100
125
75
50
200
150
250
115
-8
10
-55
0
25
10
-11
10
-10
-9
10
V =20V
10
-7
10
-6
10
-5
75
50
115
CE
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.4 Forward Current
vs. Ambient Temperature
Fig.5 Forward Current
vs. Forward Voltage
60
10
-55
0
20
0
25
30
40
50
50
75
115 125
5 00
1 .8
-2 5°
1 .6
1 .2
1 .0
1 .4
2 0
2
5
1 0
5 0 °
T a =7 5 °
C
5 0
1 00
2 00
C
2 .4
2.0
2 .2
C
C
2 5 °
C
0 °
1
Ambient Temperature Ta (℃)
Forward Voltage VF (V)


Similar Part No. - KP2110SETRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP2110S COSMO-KP2110S Datasheet
96Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - KP2110SETRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP2210 COSMO-KP2210_15 Datasheet
287Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
K2010 COSMO-K2010_15 Datasheet
289Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KPC4N33 COSMO-KPC4N33_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP5010 COSMO-KP5010_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
DPC-817C ETC-DPC-817C Datasheet
861Kb / 5P
   PHOTOTRANSISTOR / PHOTOCOUPLER
logo
Lite-On Technology Corp...
MOC3020 LITEON-MOC3020 Datasheet
266Kb / 8P
   6pin DIP photocoupler, triac driver output
logo
COSMO Electronics Corp...
KP1040 COSMO-KP1040_15 Datasheet
312Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
K3010 COSMO-K3010_15 Datasheet
302Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com