Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS20-EVAL Datasheet(PDF) 2 Page - Abracon Corporation

Part # AFS20-EVAL
Description  AFS20 series SAW Filter Evaluation Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFS20-EVAL Datasheet(HTML) 2 Page - Abracon Corporation

  AFS20-EVAL Datasheet HTML 1Page - Abracon Corporation AFS20-EVAL Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ASVMP
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Low Jitter
High Performance
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 01.26.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
DESCRIPTION:
LAYOUT
SCHEMATIC
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
26.75 x 42.6 mm
AFS2016-Eval
AFS20 series SAW Filter Evaluation Board


Similar Part No. - AFS20-EVAL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS20-2D ABRACON-AFS20-2D Datasheet
403Kb / 1P
   SURFACE MOUNT 2017.50MHz SAW FILTER
More results

Similar Description - AFS20-EVAL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS2016-EVAL ABRACON-AFS2016-EVAL Datasheet
2Mb / 2P
   AFS20 series SAW Filter Evaluation Board
01.26.15
AFS1410-EVAL ABRACON-AFS1410-EVAL Datasheet
2Mb / 2P
   AFS14 series SAW Filter Evaluation Board
01.23.15
ABSTS5A2-EVAL ABRACON-ABSTS5A2-EVAL Datasheet
390Kb / 3P
   ABSTS5A2 series SAW Filter Evaluation Board
06-10-21
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com