Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP3020LBTR Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KP3020LBTR
Description  8PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP3020LBTR Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KP3020LBTR Datasheet HTML 1Page - COSMO  Electronics Corporation KP3020LBTR Datasheet HTML 2Page - COSMO  Electronics Corporation KP3020LBTR Datasheet HTML 3Page - COSMO  Electronics Corporation KP3020LBTR Datasheet HTML 4Page - COSMO  Electronics Corporation KP3020LBTR Datasheet HTML 5Page - COSMO  Electronics Corporation KP3020LBTR Datasheet HTML 6Page - COSMO  Electronics Corporation KP3020LBTR Datasheet HTML 7Page - COSMO  Electronics Corporation KP3020LBTR Datasheet HTML 8Page - COSMO  Electronics Corporation KP3020LBTR Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P12001.2
- 3 -
http://www.cosmo-ic.com
cosmo
KP3020 Series
8PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
±50
mA
Peak forward current
IFM
±1
A
Power dissipation
PD
70
mW
Output
Collector-emitter voltage
VCEO
80
V
Emitter-collector voltage
VECO
6
V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
200
mW
Isolation voltage 1 minute
Viso
5000
Vrms
Operating temperature
Topr
-55 to +115
Storage temperature
Tstg
-55 to +125
Soldering temperature 10 seconds
Tsol
260
Electro-optical Characteristics
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input
Forward voltage
VF
IF=±20mA
-
1.2
1.4
V
Peak forward voltage
VFM
IFM=±0.5A
-
-
3.5
V
Terminal capacitance
Ct
V=0, f=1KHz
-
30
-
pF
Output Collector dark current
ICEO
VCE=20V
-
-
0.1
μA
Transfer
charac-
teristics
Current transfer ratio
CTR
IF=±1mA, VCE=5V
60
-
600
%
Collector-emitter saturation
VCE(sat)
IF=±20mA, IC=1mA
-
0.1
0.3
V
Isolation resistance
Riso
DC500V
5x10
10
10
11
-
Ω
Floating capacitance
Cf
V=0, f=1MHz
-
0.6
1.0
pF
Cut-off frequency
fC
VCC=5V, IC=2mA, RL=100Ω
-
80
-
KHz
Response time ( Rise )
tr
VCE=2V, IC=2mA, RL=100Ω
-
5
20
μs
Response time ( Fall )
tf
-
4
20
μs


Similar Part No. - KP3020LBTR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP3020 COSMO-KP3020 Datasheet
404Kb / 2P
   HIGH RELIABLILTY PHOTOCOUPLER
logo
KODENSHI_AUK CORP.
KP3020BSKA2C-GD KODENSHI-KP3020BSKA2C-GD Datasheet
172Kb / 5P
   Plastic leaded chip carrier
KP3020BSKA2C-LM2 KODENSHI-KP3020BSKA2C-LM2 Datasheet
179Kb / 5P
   Plastic leaded chip carrier
KP3020BSKA2C-RB KODENSHI-KP3020BSKA2C-RB Datasheet
163Kb / 5P
   Skyblue LED
KP3020O60A1C KODENSHI-KP3020O60A1C Datasheet
127Kb / 4P
   Orange LED
More results

Similar Description - KP3020LBTR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1020 COSMO-KP1020_15 Datasheet
281Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
ELD3H7 EVERLIGHT-ELD3H7 Datasheet
895Kb / 11P
   8PIN 16 PIN ULTRA SMALL SSOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPC825 COSMO-KPC825_15 Datasheet
282Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KPC6N135 COSMO-KPC6N135_15 Datasheet
345Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N136 COSMO-KPC6N136_15 Datasheet
337Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KTLP350 COSMO-KTLP350_15 Datasheet
344Kb / 13P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KP1510 COSMO-KP1510_15 Datasheet
324Kb / 14P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KTLP250 COSMO-KTLP250_15 Datasheet
330Kb / 12P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KPC6N137 COSMO-KPC6N137_16 Datasheet
331Kb / 12P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com