Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F10 Datasheet(PDF) 5 Page - XP Power Limited

Part # F10
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

F10 Datasheet(HTML) 5 Page - XP Power Limited

  F10 Datasheet HTML 1Page - XP Power Limited F10 Datasheet HTML 2Page - XP Power Limited F10 Datasheet HTML 3Page - XP Power Limited F10 Datasheet HTML 4Page - XP Power Limited F10 Datasheet HTML 5Page - XP Power Limited F10 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4722AV03
PAGE 5
WWW.XPPOWER.COM
F SERIES
MECHANICAL SPECIFICATIONS F70-F80
PARAMETER
VALUE
WEIGHT
<5 OZ (142 GRAMS)
VOLUME
4.5 cu. In. (74.1cc)
DIMENSIONS
2.80L (71.12L) x 1.70W (43.18W) x 0.95H (24.13H)
CASE MATERIAL
Black Anodized Aluminum
PIN #
FUNCTION
1
(+) Input
2
(-) Input
3
(+) Output
4
(-) Output
5
Dual Output/Center Tap (optional)
6.00" (152.4mm)
#22 AWG, 30KV
OUTPUT LEADS:
SILICONE
MINIMUM LENGTH.
0.215" (5.46mm) O.D.
2 PLACES.
1
2
4
3
5
RECOMMENDED
HOLE & PAD SIZE:
Ø
0.052 (1.32) & Ø 0.090 (2.29)
3 PLACES
Ø
0.250 (6.35) CLEARANCE
FOR 0.215" (5.46mm) O.D.
OUTPUT LEADS
2 PLACES
0.85
(21.6)
0.400 (10.16)
1.400
(35.56)
TOP VIEW
2.80
(71.1)
1.70
(43.2)
MIN 0.25
(6.4)
0.95
(24.1)
PC PINS
Ø
0.040
(1.02)
0.800
(20.32)
0.45 (11.4)
1.200
(30.48)
1.30
(33.0)
.25
(6.4)
Ø
.140 (3.56)
MTG HOLES, 2X
#4/M3 CLEARANCE
RECOMMENDED
PCB LAYOUT
TOP VIEW
*
OPTIONAL
DUAL OUTPUT
(CENTER TAP)
*
NOTE: CASE IS INTERNALLY CONNECTED TO (-) INPUT.
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127)


Similar Part No. - F10

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
F10 RALTRON-F10 Datasheet
27Kb / 1P
   SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
logo
Powerbox
F10 POWERBOX-F10 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RFE international
F10 RFE-F10 Datasheet
91Kb / 1P
   LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
Ohmite Mfg. Co.
F10 OHMITE-F10 Datasheet
360Kb / 3P
   Stackable
logo
HK TO-GRACE TECHNOLOGY ...
F10 TO-GRACE-F10 Datasheet
1,005Kb / 10P
   1.9mm Round Subminiature Lead LEDs
More results

Similar Description - F10

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com