Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP15 Datasheet(PDF) 3 Page - XP Power Limited

Part # GP15
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GP15 Datasheet(HTML) 3 Page - XP Power Limited

  GP15 Datasheet HTML 1Page - XP Power Limited GP15 Datasheet HTML 2Page - XP Power Limited GP15 Datasheet HTML 3Page - XP Power Limited GP15 Datasheet HTML 4Page - XP Power Limited GP15 Datasheet HTML 5Page - XP Power Limited GP15 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4728X01
PAGE 3
WWW.XPPOWER.COM
PARAMETER
VALUE
INPUT VOLTAGE
0 to 12V
TURN-ON VOLTAGE
<0.7V
ISOLATION
< +/-3.5kV BIAS
INPUT CAPACITANCE
120uF
RESPONSE TIME
<20ms
OUTPUT VOLTAGE TOLERANCE
+/-3% (Full Load, 100% output voltage)
REGULATION
<10% VARIATION OVER LOAD RANGE
FREQUENCY
60-400kHz
OPERATING TEMPERATURE*4
-20°C to +70°C (CASE)
STORAGE TEMPERATURE
-20°C to +105°C
GP SERIES
ELECTRICAL SPECIFICATIONS*
3


Similar Part No. - GP15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GP15 MCC-GP15 Datasheet
80Kb / 3P
   1.5 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
Frontier Electronics.
GP15-005G FRONTIER-GP15-005G Datasheet
120Kb / 2P
   1.5A GENERAL PURPOSE PLASTIC SILICON RECTIFIER
GP15-005R FRONTIER-GP15-005R Datasheet
121Kb / 2P
   1.5A GENERAL PURPOSE PLASTIC SILICON RECTIFIER
GP15-01G FRONTIER-GP15-01G Datasheet
120Kb / 2P
   1.5A GENERAL PURPOSE PLASTIC SILICON RECTIFIER
GP15-01R FRONTIER-GP15-01R Datasheet
121Kb / 2P
   1.5A GENERAL PURPOSE PLASTIC SILICON RECTIFIER
More results

Similar Description - GP15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com